Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBH-8872 Datasheet(PDF) 1 Page - API Technologies Corp

Part # QBH-8872
Description  RF AMPLIFIER MODEL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

QBH-8872 Datasheet(HTML) 1 Page - API Technologies Corp

  QBH-8872 Datasheet HTML 1Page - API Technologies Corp QBH-8872 Datasheet HTML 2Page - API Technologies Corp QBH-8872 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Legend
+ 25 ºC
RF AMPLIFIER
MODEL
QBH-8872
Available as: QBH-8872, 0.500” Sq. Package (E52-19422)
Specifications
Maximum (No Damage) Ratings
Ambient Operating Temperature .............. -55 ºC to +125 ºC
Storage Temperature .............................. -65 ºC to + 150 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 17 Volts
Continuous RF Input Power ................................. + 13 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
Features
n
n
n
n
n High Gain: 10.0 dB Typical
n
n
n
n
n High Power: +27.5 dBm Typical
n
n
n
n
n Operating Temp. - 40 ºC to +70 ºC
n
n
n
n
n Environmental Screening Available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -40 ºC to +70 ºC
Frequency
30 - 2000 MHz
30 - 2000 MHz
Power
Vdc
+15
+15
mA
410
450 Max.
Noise Figure (dB)
5.2
6.0 Max.
VSWR
In
1.9:1
2.0:1 Max.
Out
1.9:1
2.0:1 Max.
Reverse Isolation (dB)
-18
-17 Min.
Gain (dB)
10.0 ± 1.0
Gain Flatness
1.0
1.2
Max.
Output Intercept point
3rd Order
+41
+40 Min.
2nd Order
+47
+46 Min.
Gain vs. Temperature
+1.0/-1.0 Max.
1 dB Compression (dBm)
+27.5
+27
Min.
Typical Performance Data
Revision 10/1/2013
Linear S-Parameters Data
FREQ.
– – S11– –
– – S21– –
– – S12– –
– – S22– –
MHz
Ang
dB
Ang
dB
Ang
dB
Ang
dB
30
600
800
1000
1200
1400
1600
1800
2000
-16.7
-22.6
-27.2
-32.4
-25.7
-21.1
-19.1
-16.6
-16.2
-28.7
-76.9
-114.9
151.2
88.5
57.9
38.4
14.7
2.9
10.1
9.8
9.8
9.9
9.9
9.9
9.8
9.6
9.5
-175.6
92.6
63.1
33.5
3.2
-27.7
-58.0
-89.5
-120.0
-19.3
-19.2
-19.4
-19.5
-19.7
-19.8
-20.1
-20.1
-20.1
5.5
-59.5
-78.8
-98.0
-117.4
-136.7
-154.4
-172.6
169.2
-12.0
-13.6
-13.8
-13.7
-14.0
-13.7
-13.8
-12.2
-10.6
163.0
104.4
82.8
65.4
51.3
41.6
29.6
24.1
9.4
===================================================================
Notes:
1. Specifications are guaranteed when tested in a 50 Ohm system. Specifica-
tions indicated as typical are not guaranteed.
2. Noise Figures increase below 500 NHz
7
11
10
8
Gain (dB)
Reverse Isolation (dB)
1 dB Comp. (dBm)
Input/Output VSWR +25 ºC
3rd order intermodulation distortion (dBm)
9
12
-60
-10
-30
-50
-40
-20
10
100
1000
MHz
26
30
28
27
29
1.8
1.4
1.2
1.6
2.0
42
38
34
36
46
40
7.0
2.0
4.0
3.0
Noise Figure (dB)
1.0
Input
Output
6.0
44
31
5.0
10
100
1000
MHz
10
100
1000
MHz
10
100
1000
MHz
10
100
1000
MHz
2.2
10
100
1000
MHz
0
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - QBH-8872

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
QBH-8872 SPECTRUM-QBH-8872 Datasheet
41Kb / 1P
   RF AMPLIFIER
More results

Similar Description - QBH-8872

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QBH-147 APITECH-QBH-147 Datasheet
59Kb / 1P
   RF AMPLIFIER MODEL
QBH-137 APITECH-QBH-137 Datasheet
56Kb / 1P
   RF AMPLIFIER MODEL
QBH-124 APITECH-QBH-124 Datasheet
62Kb / 1P
   RF AMPLIFIER MODEL
QBH-115 APITECH-QBH-115 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-5409 APITECH-QBH-5409 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
QBH-4012PM APITECH-QBH-4012PM Datasheet
47Kb / 1P
   RF AMPLIFIER MODEL
QBH-4002 APITECH-QBH-4002 Datasheet
145Kb / 1P
   RF AMPLIFIER MODEL
QBH-1505 APITECH-QBH-1505 Datasheet
48Kb / 1P
   RF AMPLIFIER MODEL
QBH-859 APITECH-QBH-859 Datasheet
118Kb / 1P
   RF AMPLIFIER MODEL
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-834 APITECH-QBH-834 Datasheet
65Kb / 1P
   RF AMPLIFIER MODEL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com