Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM300DV1A120 Datasheet(PDF) 6 Page - Powerex Power Semiconductors

Part # PM300DV1A120
Description  Single Phase IGBT Inverter Output 300 Amperes/1200 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM300DV1A120 Datasheet(HTML) 6 Page - Powerex Power Semiconductors

  PM300DV1A120 Datasheet HTML 1Page - Powerex Power Semiconductors PM300DV1A120 Datasheet HTML 2Page - Powerex Power Semiconductors PM300DV1A120 Datasheet HTML 3Page - Powerex Power Semiconductors PM300DV1A120 Datasheet HTML 4Page - Powerex Power Semiconductors PM300DV1A120 Datasheet HTML 5Page - Powerex Power Semiconductors PM300DV1A120 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PM300DV1A120
Intellimod™ Module
Single Phase IGBT Inverter Output
300 Amperes/1200 Volts
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
6
08/12 Rev. 1
JUNCTION TEMPERATURE, T
j, (°C)
SHORT CIRCUIT TRIP LEVEL
VS. JUNCTION TEMPERATURE
(TYPICAL)
0
-50
100
50
150
0.4
0
1.2
1.6
0.8
2.0
0
-50
100
50
150
4
0
12
16
8
20
5
0
15
20
10
25
10
0
30
40
20
90
70
80
50
60
VD = 15V
JUNCTION TEMPERATURE, T
j, (°C)
CONTROL SUPPLY VOLTAGE TRIP-RESET
LEVEL TEMPERATURE DEPENDANCY
(TYPICAL)
VD = 15V
UVt
UVr
FREQUENCY CURRENT, fc, (kHz)
TIME, (s)
TIME, (s)
CIRCUIT CURRENT VS.
FREQUENCY CURRENT
(TYPICAL)
VD = 15V
T
j = 25°C
T
j = 125°C
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(FWDi)
10010
-3
10-2
10-1
100
101
10-5
10-4
10-3
10-3
10-2
10-1
100
10-3
10-2
10-1
10-3
10-2
10-1
100
101
10-5
10-4
10-3
Single Pulse
T
C = 25°C
Per Unit Base =
R
th(j-c) = 0.107 K/W
Single Pulse
T
C = 25°C
Per Unit Base =
R
th(j-c) = 0.07 K/W


Similar Part No. - PM300DV1A120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM300DV1A120 MITSUBISHI-PM300DV1A120 Datasheet
417Kb / 10P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM300DV1A120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM300DSA120 POWEREX-PM300DSA120 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (300 Amperes/1200 Volts)
PM300DVA120 POWEREX-PM300DVA120 Datasheet
94Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (300 Amperes/1200 Volts)
PM300CLA120 POWEREX-PM300CLA120 Datasheet
296Kb / 6P
   Three Phase IGBT Inverter 300 Amperes/1200 Volts
PM200DV1A120 POWEREX-PM200DV1A120 Datasheet
462Kb / 6P
   Single Phase IGBT Inverter Output 200 Amperes/1200 Volts
PM450DV1A120 POWEREX-PM450DV1A120 Datasheet
422Kb / 6P
   Single Phase IGBT Inverter Output 450 Amperes/1200 Volts
PM200DVA120 POWEREX-PM200DVA120 Datasheet
104Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (200 Amperes/1200 Volts)
PM75DSA120 POWEREX-PM75DSA120 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (75 Amperes/1200 Volts)
PM150DSA120 POWEREX-PM150DSA120 Datasheet
76Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (150 Amperes/1200 Volts)
PM100DSA120 POWEREX-PM100DSA120 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (100 Amperes/1200 Volts)
PM200DSA120 POWEREX-PM200DSA120 Datasheet
78Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (200 Amperes/1200 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com