Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3305-X0-LGIZ Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PI3305-X0-LGIZ
Description  8V to 36Vin Cool-Power ZVS B uck Regulator Family
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PI3305-X0-LGIZ Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PI3305-X0-LGIZ Datasheet HTML 4Page - List of Unclassifed Manufacturers PI3305-X0-LGIZ Datasheet HTML 5Page - List of Unclassifed Manufacturers PI3305-X0-LGIZ Datasheet HTML 6Page - List of Unclassifed Manufacturers PI3305-X0-LGIZ Datasheet HTML 7Page - List of Unclassifed Manufacturers PI3305-X0-LGIZ Datasheet HTML 8Page - List of Unclassifed Manufacturers PI3305-X0-LGIZ Datasheet HTML 9Page - List of Unclassifed Manufacturers PI3305-X0-LGIZ Datasheet HTML 10Page - List of Unclassifed Manufacturers PI3305-X0-LGIZ Datasheet HTML 11Page - List of Unclassifed Manufacturers PI3305-X0-LGIZ Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
vicorpower.com
Rev 1.4
Cool-Power
®
800 735.6200
11/2012
Page 8 of 42
PI33XX-X0
PI3311-X0 (1.0 Vout) Electrical Characteristics
Efficiency at 25°C
Regulator and inductor performance
331101
331103
Switching Frequency vs. Load Current
331105
Transient Response: 2A to 7A, at 5A/µs
24Vin to 1.0Vout
331102
Cout = 8X 100µF Ceramic
Output Ripple: 24Vin, 1.0Vout at 10A
Vout = 50mV/Div, 2.0us/Div
331104
Cout = 8X 100µF Ceramic
Output ripple: 24Vin, 1.0Vout at 5A
Vout = 50mV/Div, 2.0us/Div
331106
Cout = 8X 100µF Ceramic
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
7
8
9
10
Load Current (A)
12Vin
24Vin
36Vin
0
100
200
300
400
500
600
1
2
3
4
5
6
7
8
9
10
Load Current (A)
12Vin
24Vin
36Vin
Short Circuit Test


Similar Part No. - PI3305-X0-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3305-X0-LGIZ VICOR-PI3305-X0-LGIZ Datasheet
1Mb / 39P
   8V to 36Vin Cool-Power
More results

Similar Description - PI3305-X0-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI33XX VICOR-PI33XX Datasheet
2Mb / 42P
   8V to 36Vin Cool-Power ZVS B uck Regulator Family
PI33XX-01 VICOR-PI33XX-01 Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS B uck Regulator Family
logo
List of Unclassifed Man...
PI60-04-FPIZ ETC2-PI60-04-FPIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS B uck Regulator
logo
Vicor Corporation
PI33XX-X0 VICOR-PI33XX-X0_18 Datasheet
2Mb / 41P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
PI33XX-X0 VICOR-PI33XX-X0 Datasheet
2Mb / 42P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
PI3302-00-BGIZ VICOR-PI3302-00-BGIZ_18 Datasheet
948Kb / 19P
   8V to 36VIN Cool-Power ZVS Buck Regulator
PI3318-21-LGIZ VICOR-PI3318-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3311-01-LGIZ VICOR-PI3311-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3312-01-LGIZ VICOR-PI3312-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI33XX-X1 VICOR-PI33XX-X1 Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com