Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM150CL1B060 Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # PM150CL1B060
Description  Three Phase IGBT Inverter 150 Amperes/600 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM150CL1B060 Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  PM150CL1B060 Datasheet HTML 1Page - Powerex Power Semiconductors PM150CL1B060 Datasheet HTML 2Page - Powerex Power Semiconductors PM150CL1B060 Datasheet HTML 3Page - Powerex Power Semiconductors PM150CL1B060 Datasheet HTML 4Page - Powerex Power Semiconductors PM150CL1B060 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PM150CL1B060
Intellimod™ L1-Series
Three Phase IGBT Inverter
150 Amperes/600 Volts
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
5
04/09
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT & FWDi - TYPICAL)
101
10-1
10-2
10-3
100
101
100
10-1
10-2
Single Pulse
TC = 25°C
Per Unit Base =
Rth(j-c) =
0.25°C/W
(IGBT)
Rth(j-c) =
0.41°C/W
(FWDi)
10-2
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (ON) VS.
COLLECTOR CURRENT
(TYPICAL)
10-1
100
100
101
103
102
10-2
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (OFF) VS.
COLLECTOR CURRENT
(TYPICAL)
10-1
100
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (OFF) VS.
COLLECTOR CURRENT
(TYPICAL)
CIRCUIT FREQUENCY, fC, (kHz)
CIRCUIT CURRENT VS.
CIRCUIT FREQUENCY CHARACTERISTICS
(N-SIDE - TYPICAL)
50
30
40
20
10
0
50
30
40
20
10
0
VD = 15V
Tj = 25°C
Tj = 125oC
0
20
25
15
10
5
-50
50
0
100
150
JUNCTION TEMPERATURE, Tj, (°C)
TRIP LEVEL / RESET LEVEL VS.
JUNCTION TEMPERATURE
CHARACTERISTICS (TYPICAL)
20
16
4
8
12
0
-50
50
0
100
150
2.0
1.6
0.4
0.8
1.2
0
UV
UVr
JUNCTION TEMPERATURE, Tj, (°C)
SHORT CIRCUIT TRIP LEVEL VS.
JUNCTION TEMPERATURE
CHARACTERISTICS (TYPICAL)
CIRCUIT FREQUENCY, fC, (kHz)
CIRCUIT CURRENT VS.
CIRCUIT FREQUENCY CHARACTERISTICS
(P-SIDE - TYPICAL)
VD = 15V
Tj = 25°C
Tj = 125oC
0
20
25
15
10
5
VD = 15V
100
101
103
102
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (ON) VS.
COLLECTOR CURRENT
(TYPICAL)
100
101
VCC = 300V
VD = 15V
INDUCTIVE LOAD
Tj = 25°C
Tj = 125°C
100
101
103
102
100
101
103
102
10-1
100
101
VCC = 300V
VD = 15V
INDUCTIVE LOAD
Tj = 25°C
Tj = 125°C
VCC = 300V
VD = 15V
INDUCTIVE LOAD
Tj = 25°C
Tj = 125°C
VCC = 300V
VD = 15V
INDUCTIVE LOAD
Tj = 25°C
Tj = 125°C


Similar Part No. - PM150CL1B060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM150CL1B060 MITSUBISHI-PM150CL1B060 Datasheet
142Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM150CL1B060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM150CL1A060 POWEREX-PM150CL1A060 Datasheet
694Kb / 5P
   Three Phase IGBT Inverter 150 Amperes/600 Volts
PM600CLA060 POWEREX-PM600CLA060 Datasheet
282Kb / 6P
   Three Phase IGBT Inverter 600 Amperes/600 Volts
PM150CVA060 POWEREX-PM150CVA060 Datasheet
73Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/600 Volts)
PM150CLB060 POWEREX-PM150CLB060 Datasheet
196Kb / 4P
   Intellimod??L-Series Three Phase IGBT Inverter 150 Amperes/600 Volts
PM150CSA060 POWEREX-PM150CSA060 Datasheet
85Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/600 Volts)
PM150CSD060 POWEREX-PM150CSD060 Datasheet
83Kb / 4P
   Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/600 Volts)
PM100CL1B060 POWEREX-PM100CL1B060 Datasheet
611Kb / 5P
   Three Phase IGBT Inverter 100 Amperes/600 Volts
PM450CLA060 POWEREX-PM450CLA060 Datasheet
282Kb / 6P
   Three Phase IGBT Inverter 450 Amperes/600 Volts
PM150RSA060 POWEREX-PM150RSA060 Datasheet
89Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (150 Amperes/600 Volts)
PM150RL1A060 POWEREX-PM150RL1A060 Datasheet
824Kb / 7P
   Intellimod??L1-Series Three Phase IGBT Inverter Brake 150 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com