Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LZG1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LZG1
Description  Installation and adjusting instructions LZ metal-enclosed switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LZG1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LZG1 Datasheet HTML 1Page - List of Unclassifed Manufacturers LZG1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PK 88142
SIDE ROTARY TYPE
SIDE LEVER BRACKET TYPE
PK 88142
CHANGING ACTUATION DIRECTION
ON ROTARY TYPE
Rotary switches may be adjusted to operate
clockwise, counterclockwise, or both. Instruc-
tions are cast into the head (Figure 4). Follow
these steps:
1.
Loosen the four captive head screws and
remove head from switch housing.
2.
Switches are assembled with the plunger
set for both way operation. (See drawing
Figure 4.)
Both way actuation: plunger point in
twelve o'clock position (towards the
actuator).
To change mode of operation pull the
spring loaded plunger outward with pli-
ers to the stop. With plunger, pulled turn
the point in the direction of operation
required.
Clockwise actuation only: turn clock-
wise to three o'clock position.
Counterclockwise actuation only: turn
counterclockwise to nine o'clock posi-
tion.
3 .
Release plunger, it will snap into the head
into a locked position.
4 .
Replace operating head on switch hous-
ing and securely tighten screws.
5 .
Check for desired operation by actuating
switch and listening for "click".
HEX HEAD SCREWS
If you prefer to loosen and tighten the lever
with a pliers or a screwdriver, a packet of 50
hex head screws, with screwdriver slot, is
available separately (catalog listin g
15PA164-LS) to replace the allen head screw
furnished with the lever.
Adjusting tool set LSZ4005 consists of one
special 3/32 inch open wrench and necessary
hexagon key wrenches to adjust all types of
levers.
POSITIONING THE SIDE LEVER BRACKET
The side lever bracket can be placed in any of
four positions. When combined with the four
possible head positions, this makes for 16
possible positions for this type. Remove the
lever with a 5/32 inch hexagon key wrench.
Loosen three captive bracket screws, place
the bracket in the desired position, an d
securely tighten the screws (refer to Figure
6).
REVERSING THE ROLLER LEVER ARM
Roller arms may be reversed to face the roller
to the inside or outside of the arm (refer to
Figure 7). It is recommended that the lever of
side lever bracket forms be adjusted within
the parameters shown in Figure 7. Use a 5/32
hexagon key wrench.
WOBBLE STICK ACTUATOR TYPE
REPLACING THE WOBBLE STICK
To remove a wobble stick, firmly grasp the
wobble stick with a pair of pliers at the base of
the wobble stick. (Figure 8, View A.) Turn the
wobble stick counterclockwise to unscrew it.
To attach a wobble stick, start threading the
actuator to the head by hand. Then firmly
grasp the wobble stick with a pair of pliers as
shown in Figure 8, View B. Turn the wobble
stick clockwise to within 1/8 inch of the end of
the threads.


Similar Part No. - LZG1

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
LZG1 HONEYWELL-ACC-LZG1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
More results

Similar Description - LZG1

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
LZA1 HONEYWELL-ACC-LZA1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
logo
Honeywell Solid State E...
4AV15F HONEYWELL-4AV15F Datasheet
78Kb / 4P
   Installation Instructions
logo
Littelfuse
SE-IP65CVR-G-SE-330 LITTELFUSE-SE-IP65CVR-G-SE-330 Datasheet
82Kb / 2P
   WEATHERPROOF COVER INSTALLATION INSTRUCTIONS
march 2011
logo
Amphenol Corporation
T8041 AMPHENOL-T8041 Datasheet
190Kb / 4P
   Simple installation (mounting hardware and instructions included
logo
Littelfuse
SE-IP65CVR-M LITTELFUSE-SE-IP65CVR-M Datasheet
178Kb / 2P
   WEATHERPROOF COVER INSTALLATION INSTRUCTIONS
OCTOBER 2011
logo
List of Unclassifed Man...
2502-2 ETC1-2502-2 Datasheet
101Kb / 2P
   MOUNTING BRACKET KIT INSTALLATION INSTRUCTIONS
logo
Emerson Network Power
GLQ110 EMERSON-NETWORKPOWER-GLQ110 Datasheet
12Mb / 109P
   GLQ110 Series Installation & Operating Instructions
Rev 2 12/29/09
logo
List of Unclassifed Man...
EOT16U3P3-S ETC2-EOT16U3P3-S Datasheet
1Mb / 16P
   enclosed switches
logo
SL Power Electronics
GLC50A SLPOWER-GLC50A Datasheet
58Kb / 1P
   INSTALLATION INSTRUCTIONS GLC50 MULTI OUTPUT SERIES
logo
Honeywell Solid State E...
BAF HONEYWELL-BAF Datasheet
2Mb / 11P
   High Capacity Enclosed Switches
May 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com