Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT200C12T2 Datasheet(PDF) 2 Page - Jiangsu APT Semiconductor Co.,Ltd

Part # MT200C12T2
Description  Thyristor Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTSEMI [Jiangsu APT Semiconductor Co.,Ltd]
Direct Link  http://en.apt-semi.com/
Logo APTSEMI - Jiangsu APT Semiconductor Co.,Ltd

MT200C12T2 Datasheet(HTML) 2 Page - Jiangsu APT Semiconductor Co.,Ltd

  MT200C12T2 Datasheet HTML 1Page - Jiangsu APT Semiconductor Co.,Ltd MT200C12T2 Datasheet HTML 2Page - Jiangsu APT Semiconductor Co.,Ltd MT200C12T2 Datasheet HTML 3Page - Jiangsu APT Semiconductor Co.,Ltd MT200C12T2 Datasheet HTML 4Page - Jiangsu APT Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MT200C18T2
Document Number: S-M0040
www.apt-semi.com
Rev.1.0, May.31, 2013
2
Electrical Characteristics
Symbol
Conditions
Values
Units
Min.
Typ.
Max.
VTM
T=25℃ ITM =620A
1.7
V
IRRM/IDRM
TVJ =TVJM ,VR=VRRM ,VD=VDRM
40
mA
VTO
For power-loss calculations only (TVJ =125℃)
0.85
V
rT
TVJ =TVJM
1.5
mΩ
VGT
TVJ =25℃ , VD =6V
3
V
IGT
TVJ =25℃ , VD =6V
200
mA
VGD
TVJ =125℃ , VD =2/3VDRM
0.25
V
IGD
TVJ =125℃ , VD =2/3VDRM
10
mA
IL
TVJ =25℃ , RG = 33 Ω
300
1000
mA
IH
TVJ =25℃ , VD =6V
150
400
mA
tgd
TVJ =25℃, IG=1A, diG/dt=1A/us
1
us
tq
TVJ =TVJM
100
us


Similar Part No. - MT200C12T2

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MT200C12T2 YANGJIE-MT200C12T2 Datasheet
180Kb / 4P
   Thyristor Modules
logo
Micro Commercial Compon...
MT200C12T2 MCC-MT200C12T2 Datasheet
550Kb / 5P
   200 Amp THYRISTOR MODULE 800~1800 Volts
More results

Similar Description - MT200C12T2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
IXYS Corporation
MCC170 IXYS-MCC170 Datasheet
81Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC225 IXYS-MCC225 Datasheet
99Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC26 IXYS-MCC26 Datasheet
165Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC132 IXYS-MCC132 Datasheet
172Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC224 IXYS-MCC224 Datasheet
99Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC56 IXYS-MCC56 Datasheet
178Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC44 IXYS-MCC44 Datasheet
160Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC250 IXYS-MCC250 Datasheet
142Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC220-08IO1 IXYS-MCC220-08IO1 Datasheet
143Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC72 IXYS-MCC72 Datasheet
170Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com