Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BW-HWMLA3N Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # BW-HWMLA3N
Description  EVERBOUQUET INTERNATIONAL CO., LTD.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BW-HWMLA3N Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  BW-HWMLA3N Datasheet HTML 1Page - List of Unclassifed Manufacturers BW-HWMLA3N Datasheet HTML 2Page - List of Unclassifed Manufacturers BW-HWMLA3N Datasheet HTML 3Page - List of Unclassifed Manufacturers BW-HWMLA3N Datasheet HTML 4Page - List of Unclassifed Manufacturers BW-HWMLA3N Datasheet HTML 5Page - List of Unclassifed Manufacturers BW-HWMLA3N Datasheet HTML 6Page - List of Unclassifed Manufacturers BW-HWMLA3N Datasheet HTML 7Page - List of Unclassifed Manufacturers BW-HWMLA3N Datasheet HTML 8Page - List of Unclassifed Manufacturers BW-HWMLA3N Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6. Electrical characteristics
Ta = 25℃
VDD = 5.0
±0.25 V
I T E M
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
VIH
2.2
------
------
V
INPUT VOLTAGE
VIL
----------------
------
------
0.6
V
VOH
-IOH =0.205 mA
2.4
------
------
V
OUTPUT VOLTAGE
VOL
IOL = 1.2 mA
------
------
0.4
V
POWER SUPPLY
CURRENT
IDD
VDD = 5 .0V
------
1.0
1.5
mA
Ta=-20
OC
------
4.8
------
V
Ta=
0
OC
------
4.7
------
V
Ta= 25
OC
------
4.5
------
V
Ta= 50
OC
------
4.3
------
V
STN/
FSTN
DUTY
=1/16
Φ=10°
NOTE(2)
Ta= 70
OC
------
4.2
------
V
Ta=-20
OC
------
4.7
------
V
Ta=
0
OC
------
4.6
------
V
Ta= 25
OC
------
4.2
------
V
Ta= 50
OC
------
3.8
------
V
RECOMMENDED
LCD DRIVING
VOLTAGE, NOTE(1)
VDD-VO
TN
DUTY
=1/16
Φ=25°
NOTE(2)
Ta= 70
OC
------
3.7
------
V
POWER SUPPLY
CURRENT FOR B.L.
ILED
VLED = 5.0 V
------
120
150
mA
NOTE (1): RECOMMENDED LCD DRIVING VOLTAGE MAY FLUCTUATE ABOUT
±0.5V BY EACH MODULE.
(2):
θ= 0°
VIEWING ANGLE AT 6 O’CLOCK
θ= 180°
VIEWING ANGLE AT 12 O’CLOCK
MC16011A-SERIES-1
PAGE: 6/9


Similar Part No. - BW-HWMLA3N

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BW-20N100W MINI-BW-20N100W Datasheet
191Kb / 2P
   N-Type Fixed Attenuator
BW-20N250W++ MINI-BW-20N250W+ Datasheet
400Kb / 4P
   Precision Fixed Attenuator
REV. OR
logo
Knowles Electronics
BW-21789-000 KNOWLES-BW-21789-000 Datasheet
178Kb / 2P
   MICROPHONE
logo
Mini-Circuits
BW-30N100W MINI-BW-30N100W Datasheet
190Kb / 2P
   N-Type Fixed Attenuator
BW-30N250W++ MINI-BW-30N250W+ Datasheet
400Kb / 4P
   Precision Fixed Attenuator
REV. OR
More results

Similar Description - BW-HWMLA3N

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LD85H6S-A SENSORTECHNICS-LD85H6S-A Datasheet
1Mb / 6P
   Quantum Semiconductor International Co., Ltd.
LD90F7S-A SENSORTECHNICS-LD90F7S-A Datasheet
563Kb / 4P
   Quantum Semiconductor International Co., Ltd.
LD85J6S-A SENSORTECHNICS-LD85J6S-A Datasheet
1Mb / 4P
   Quantum Semiconductor International Co., Ltd.
logo
List of Unclassifed Man...
Z10L431 ETC1-Z10L431 Datasheet
455Kb / 7P
   Power products international ltd
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT232H ETC2-FT232H Datasheet
1Mb / 66P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
   Future Technology Devices International Ltd.
FT230XQ-R FTDI-FT230XQ-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
USB-COM232-PLUS-2 ETC2-USB-COM232-PLUS-2 Datasheet
805Kb / 24P
   Future Technology Devices International Ltd
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com