Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT150DT12L2 Datasheet(PDF) 2 Page - Jiangsu APT Semiconductor Co.,Ltd

Part # MT150DT12L2
Description  Three Phase Bridge Thyristor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTSEMI [Jiangsu APT Semiconductor Co.,Ltd]
Direct Link  http://en.apt-semi.com/
Logo APTSEMI - Jiangsu APT Semiconductor Co.,Ltd

MT150DT12L2 Datasheet(HTML) 2 Page - Jiangsu APT Semiconductor Co.,Ltd

  MT150DT12L2 Datasheet HTML 1Page - Jiangsu APT Semiconductor Co.,Ltd MT150DT12L2 Datasheet HTML 2Page - Jiangsu APT Semiconductor Co.,Ltd MT150DT12L2 Datasheet HTML 3Page - Jiangsu APT Semiconductor Co.,Ltd MT150DT12L2 Datasheet HTML 4Page - Jiangsu APT Semiconductor Co.,Ltd MT150DT12L2 Datasheet HTML 5Page - Jiangsu APT Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MT150DT18L2
Document Number: S-M0058
www.apt-semi.com
Rev.1.0, May.31, 2013
2
◆Thyristor
Maximum Ratings
Electrical and Thermal Characteristics
Symbol
Item
Conditions
Values
Units
ITAV
Average On-State Current
Tc=93℃, Single Phase half wave
180
o conduction
150
A
ITSM
Surge On-State Current
TVJ=45℃ t=10ms (50Hz), sine
VR=0
1500
A
i
2t
Circuit Fusing Consideration
11250
A
2s
Visol
Isolation Breakdown Voltage(R.M.S)
a.c.50HZ;r.m.s.;1 min
3000
V
Tvj
Operating Junction Temperature
-40 to +125
Tstg
Storage Temperature
-40 to +125
Mt
Mounting Torque
To terminals(M4)
2±15%
Nm
Mt
To terminals(M6)
5±15%
Ms
To heatsink(M6)
5±15%
Nm
di/dt
Critical Rate of Rise of On-State
Current
TVJ=TVJM, VD=1/2VDRM ,IG =100mA
diG/dt=0.1A/μs
150
A/μs
dv/dt
Critical Rate of Rise of Off-State
Voltage, min.
TJ=TVJM,VD=2/3VDRM,linear voltage
rise
500
V/μs
Symbol
Item
Conditions
Values
Units
Min.
Typ.
Max.
VTM
Peak On-State Voltage, max.
T=25℃ IT =150A
1.35
V
IRRM/IDRM
Repetitive Peak Reverse Current,
max. / Repetitive Peak Off-State
Current, max.
TVJ=TVJM ,VR=VRRM ,VD
=VDRM
40
mA
VGT
Gate Trigger Voltage, max.
TVJ =25℃ , VD =6V
3
V
IGT
Gate Trigger Current, max.
TVJ =25℃ , VD =6V
150
mA
Rth(j-c)
Thermal Impedance, max.
Junction to Case
0.16
/W
Rth(c-s)
Thermal Impedance, max.
Case to Heatsink
0.07
/W


Similar Part No. - MT150DT12L2

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MT150DT12L2 YANGJIE-MT150DT12L2 Datasheet
347Kb / 5P
   Three Phase Bridge Thyristor
logo
Micro Commercial Compon...
MT150DT12L2 MCC-MT150DT12L2 Datasheet
669Kb / 6P
   150 Amp Three Phase Bridge Thyristor 800~1800 Volts
logo
Shanghai Leiditech Elec...
MT150DT12L2 LEIDITECH-MT150DT12L2 Datasheet
613Kb / 5P
   Three Phase Bridge Thyristor
More results

Similar Description - MT150DT12L2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSDT100 ETC2-MSDT100 Datasheet
304Kb / 5P
   Three Phase Bridge Thyristor
MSDT200 ETC2-MSDT200 Datasheet
301Kb / 5P
   Three Phase Bridge Thyristor
logo
Jiangsu APT Semiconduct...
MT200DT18L2 APTSEMI-MT200DT18L2 Datasheet
274Kb / 5P
   Three Phase Bridge Thyristor
logo
Nell Semiconductor Co.,...
MTPT75 NELLSEMI-MTPT75_17 Datasheet
698Kb / 5P
   Three-Phase Bridge Thyristor,
logo
List of Unclassifed Man...
MSDT75 ETC2-MSDT75 Datasheet
304Kb / 5P
   Three Phase Bridge Thyristor
logo
Yangzhou yangjie electr...
MT75DT08L1 YANGJIE-MT75DT08L1 Datasheet
347Kb / 5P
   Three Phase Bridge Thyristor
MT200DT08L2 YANGJIE-MT200DT08L2 Datasheet
347Kb / 5P
   Three Phase Bridge Thyristor
logo
Nell Semiconductor Co.,...
NK60TP NELLSEMI-NK60TP_17 Datasheet
713Kb / 5P
   Three-Phase Bridge Thyristor
logo
Jiangsu APT Semiconduct...
MT75DT18L1 APTSEMI-MT75DT18L1 Datasheet
278Kb / 5P
   Three Phase Bridge Thyristor
MT100DT18L1 APTSEMI-MT100DT18L1 Datasheet
278Kb / 5P
   Three Phase Bridge Thyristor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com