Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT40CB12T1 Datasheet(PDF) 1 Page - Jiangsu APT Semiconductor Co.,Ltd

Part # MT40CB12T1
Description  Thyristor/Diode Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTSEMI [Jiangsu APT Semiconductor Co.,Ltd]
Direct Link  http://en.apt-semi.com/
Logo APTSEMI - Jiangsu APT Semiconductor Co.,Ltd

MT40CB12T1 Datasheet(HTML) 1 Page - Jiangsu APT Semiconductor Co.,Ltd

  MT40CB12T1 Datasheet HTML 1Page - Jiangsu APT Semiconductor Co.,Ltd MT40CB12T1 Datasheet HTML 2Page - Jiangsu APT Semiconductor Co.,Ltd MT40CB12T1 Datasheet HTML 3Page - Jiangsu APT Semiconductor Co.,Ltd MT40CB12T1 Datasheet HTML 4Page - Jiangsu APT Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MT40CB18T1
Document Number: S-M0046
www.apt-semi.com
Rev.1.0, May.31, 2013
1
Module Type
◆Diode
Maximum Ratings
Symbol
Item
Conditions
Values
Units
ID
Output Current(D.C.)
Tc=85℃
40
A
IFSM
Surge forward current
t=10mS Tvj =45℃
1000
A
i
2t
Circuit Fusing Consideration
5000
A
2s
Visol
Isolation Breakdown Voltage(R.M.S)
a.c.50HZ;r.m.s.;1min
3000
V
Tvj
Operating Junction Temperature
-40 to +125
Tstg
Storage Temperature
-40 to +125
Mt
Mounting Torque
To terminals(M5)
3±15%
Nm
Ms
To heatsink(M6)
5±15%
Nm
Weight
Module(
Approximately)
100
g
Thermal Characteristics
Symbol
Item
Conditions
Values
Units
Rth(j-c)
Thermal Impedance, max.
Junction to Case
0.33
/W
Rth(c-s)
Thermal Impedance, max.
Case to Heatsink
0.10
/W
Electrical Characteristics
Thyristor/Diode Modules
VRRM / VDRM
800 to 1800V
IFAV / ITAV
40Amp
TYPE
VRRM/VDRM
VRSM
MT40CB08T1
MT40CB12T1
MT40CB16T1
MT40CB18T1
800V
1200V
1600V
1800V
900V
1300V
1700V
1900V
Applications
Power Converters
Lighting Control
DC Motor Control and Drives
Heat and temperature control
Circuit
Features
International standard package
High Surge Capability
Glass passivated chip
Simple Mounting
Heat transfer through aluminum oxide DBC
ceramic isolated metal baseplate
UL recognized applied for file no. E360040
Symbol
Item
Conditions
Values
Units
Min.
Typ.
Max.
VFM
Forward Voltage Drop, max.
T=25℃ IF =200A
1.95
V
IRRM
Repetitive Peak Reverse Current,
max.
Tvj =25℃ VRD=VRRM
Tvj =125℃ VRD=VRRM
≤0.5
≤6
mA
mA


Similar Part No. - MT40CB12T1

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MT40CB12T1 YANGJIE-MT40CB12T1 Datasheet
240Kb / 4P
   Thyristor/Diode Modules
logo
Micro Commercial Compon...
MT40CB12T1 MCC-MT40CB12T1 Datasheet
596Kb / 6P
   THYRISTOR/DIODE 800~1800 Volts 40 Amp MODULE
logo
Shanghai Leiditech Elec...
MT40CB12T1 LEIDITECH-MT40CB12T1 Datasheet
467Kb / 4P
   Thyristor/Diode Modules
More results

Similar Description - MT40CB12T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT18 SIRECT-SDT18 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
SDT116 SIRECT-SDT116 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com