Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD600C12D5 Datasheet(PDF) 1 Page - Jiangsu APT Semiconductor Co.,Ltd

Part # MD600C12D5
Description  Rectifier Diode Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTSEMI [Jiangsu APT Semiconductor Co.,Ltd]
Direct Link  http://en.apt-semi.com/
Logo APTSEMI - Jiangsu APT Semiconductor Co.,Ltd

MD600C12D5 Datasheet(HTML) 1 Page - Jiangsu APT Semiconductor Co.,Ltd

  MD600C12D5 Datasheet HTML 1Page - Jiangsu APT Semiconductor Co.,Ltd MD600C12D5 Datasheet HTML 2Page - Jiangsu APT Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MD600C18D5
Document Number: S-M0014
www.apt-semi.com
Rev.1.0, May.31, 2013
1
Module Type
TYPE
VRRM
VRSM
MD600C08D5
MD600C12D5
MD600C16D5
MD600C18D5
MD600A08D5
MD600A12D5
MD600A16D5
MD600A18D5
MD600K08D5
MD600K12D5
MD600K16D5
MD600K18D5
800V
1200V
1600V
1800V
900V
1300V
1700V
1900V
Maximum Ratings
Symbol
Conditions
Values
Units
IFAV
Single phase ,half wave 180°conduction Tc=85℃
600
A
IFSM
t=10mS Tvj =45℃
22000
A
i
2t
t=10mS Tvj =45℃
2420000
A
2s
Visol
a.c.50HZ;r.m.s.;1min
3000
V
Tvj
-40 to 150
Tstg
-40 to 125
Mt
To terminals(M10)
9±15%
Nm
Ms
To heatsink(M6)
5±15%
Nm
Weight
Module (Approximately)
2050
g
Thermal Characteristics
Symbol
Conditions
Values
Units
Rth(j-c)
Per diode
0.04
℃/W
Rth(c-s)
Module
0.015
℃/W
Electrical Characteristics
Circuit
Applications
Non-controllable rectifiers for AC/AC
converters
Line rectifiers for transistorized AC motor
controllers
Field supply for DC motors
Features
Blocking voltage: 800 to 1800V
Heat transfer through aluminum oxide ceramic
isolated metal baseplate
Rectifier Diode Modules
VRRM 800 to 1800V
IFAV
600 A
Symbol
Conditions
Values
Units
Min.
Typ.
Max.
VFM
T=25℃ IF =1800A
1.8
V
IRD
Tvj=TvjM VRD=VRRM
25
mA
Applications
Non-controllable rectifiers for AC/AC
converters
Line rectifiers for transistorized AC motor
controllers
Field supply for DC motors


Similar Part No. - MD600C12D5

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MD6001 NJSEMI-MD6001 Datasheet
99Kb / 2P
   Silicon annular complementary-pair dual transistor
logo
Central Semiconductor C...
MD6002 CENTRAL-MD6002 Datasheet
54Kb / 1P
   Dual Transistors
MD6002 CENTRAL-MD6002 Datasheet
54Kb / 1P
   Dual Transistors
logo
New Jersey Semi-Conduct...
MD6002 NJSEMI-MD6002 Datasheet
99Kb / 2P
   Silicon annular complementary-pair dual transistor
logo
Central Semiconductor C...
MD6003 CENTRAL-MD6003 Datasheet
54Kb / 1P
   Dual Transistors
More results

Similar Description - MD600C12D5

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKKE1200 SEMIKRON-SKKE1200_07 Datasheet
135Kb / 2P
   Rectifier Diode Modules
SKKD380 SEMIKRON-SKKD380_05 Datasheet
591Kb / 4P
   Rectifier Diode Modules
SKKE600 SEMIKRON-SKKE600 Datasheet
545Kb / 3P
   Rectifier Diode Modules
SKKE380 SEMIKRON-SKKE380 Datasheet
417Kb / 3P
   Rectifier Diode Modules
SKKD81H4 SEMIKRON-SKKD81H4 Datasheet
784Kb / 4P
   Rectifier Diode Modules
SKKD212 SEMIKRON-SKKD212 Datasheet
1Mb / 4P
   Rectifier Diode Modules
SKKD380 SEMIKRON-SKKD380_09 Datasheet
559Kb / 4P
   Rectifier Diode Modules
logo
Inchange Semiconductor ...
IRKD56-14 ISC-IRKD56-14 Datasheet
362Kb / 3P
   Diode Rectifier Modules
DD260N16K ISC-DD260N16K Datasheet
246Kb / 2P
   Diode Rectifier Modules
SKKD46-16 ISC-SKKD46-16 Datasheet
274Kb / 3P
   Rectifier Diode Modules
2023-9-15
SKKD380-22H4 ISC-SKKD380-22H4 Datasheet
308Kb / 2P
   Rectifier Diode Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com