Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD200A16D2 Datasheet(PDF) 2 Page - Jiangsu APT Semiconductor Co.,Ltd

Part # MD200A16D2
Description  Glass Passivated Rectifier Diode Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTSEMI [Jiangsu APT Semiconductor Co.,Ltd]
Direct Link  http://en.apt-semi.com/
Logo APTSEMI - Jiangsu APT Semiconductor Co.,Ltd

MD200A16D2 Datasheet(HTML) 2 Page - Jiangsu APT Semiconductor Co.,Ltd

  MD200A16D2 Datasheet HTML 1Page - Jiangsu APT Semiconductor Co.,Ltd MD200A16D2 Datasheet HTML 2Page - Jiangsu APT Semiconductor Co.,Ltd MD200A16D2 Datasheet HTML 3Page - Jiangsu APT Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MD200C18D2
Document Number: S-M0008
www.apt-semi.com
Rev.1.0, May.31, 2013
2
Performance Curves
Fig3. Transient thermal impedance
Fig4. Max Non-Repetitive Forward Surge
Current
Zth(j-C)
0.001
0.01
0.1
1.0
10
S 100
1
10
cycles 100
50HZ
Fig1. Power dissipation
Fig2.Forward Current Derating Curve
0 ID
140
A 280
350
W
175
Pvtot
0
0 Tc
50
100
150
DC
sin.180
rec.120
rec.60
rec.30
DC
sin.180
rec.120
rec.60
rec.30
Fig5. Forward Characteristics
0
VF
0.5
1.0
1.5
V 2.0
25℃
- - -150℃
0.3
/ W
0.15
0
8000
A
4000
0
250
A
200
150
100
50
ID
0
400
A
300
200
100
IF
0
typ.
max.


Similar Part No. - MD200A16D2

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
MD200A16D2 DIOTECH-MD200A16D2 Datasheet
940Kb / 4P
   THYRISTOR DIODE MODULE
logo
Shanghai Leiditech Elec...
MD200A16D2 LEIDITECH-MD200A16D2 Datasheet
305Kb / 3P
   Glass Passivated Rectifier Diode Modules
More results

Similar Description - MD200A16D2

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MD70C08D1 YANGJIE-MD70C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD60C08D1 YANGJIE-MD60C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD100C08D1 YANGJIE-MD100C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD165C08D2 YANGJIE-MD165C08D2 Datasheet
140Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD36C08D1 YANGJIE-MD36C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
logo
List of Unclassifed Man...
MSCD36B ETC2-MSCD36B Datasheet
155Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Microsemi Corporation
MSKD200-16 MICROSEMI-MSKD200-16 Datasheet
142Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Shanghai Leiditech Elec...
MD60C18J1 LEIDITECH-MD60C18J1 Datasheet
340Kb / 3P
   Glass Passivated Rectifier Diode Modules
MD165C18J2 LEIDITECH-MD165C18J2 Datasheet
321Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Jiangsu APT Semiconduct...
MD36C18D1 APTSEMI-MD36C18D1 Datasheet
89Kb / 3P
   Glass Passivated Rectifier Diode Modules
MD60C18D1 APTSEMI-MD60C18D1 Datasheet
89Kb / 3P
   Glass Passivated Rectifier Diode Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com