Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3755 Datasheet(PDF) 1 Page - Linear Dimensions Semiconductor

Part # LT3755
Description  40VIN, 75VOUT LED Controllers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LT3755 Datasheet(HTML) 1 Page - Linear Dimensions Semiconductor

  LT3755 Datasheet HTML 1Page - Linear Dimensions Semiconductor LT3755 Datasheet HTML 2Page - Linear Dimensions Semiconductor LT3755 Datasheet HTML 3Page - Linear Dimensions Semiconductor LT3755 Datasheet HTML 4Page - Linear Dimensions Semiconductor LT3755 Datasheet HTML 5Page - Linear Dimensions Semiconductor LT3755 Datasheet HTML 6Page - Linear Dimensions Semiconductor LT3755 Datasheet HTML 7Page - Linear Dimensions Semiconductor LT3755 Datasheet HTML 8Page - Linear Dimensions Semiconductor LT3755 Datasheet HTML 9Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LT3755/LT3755-1/LT3755-2

37551fd
Typical applicaTion
FeaTures
applicaTions
DescripTion
40VIN, 75VOUT LED Controllers
The LT®3755, LT3755-1 and LT3755-2 are DC/DC control-
lers designed to operate as a constant-current source for
driving high current LEDs. They drive a low side external
N-channelpowerMOSFETfromaninternalregulated7.15V
supply. The fixed frequency, current mode architecture
results in stable operation over a wide range of supply
and output voltages. A ground referenced voltage FB pin
serves as the input for several LED protection features,
and also makes it possible for the converter to operate
as a constant-voltage source. A frequency adjust pin
allows the user to program the frequency from 100kHz
to 1MHz to optimize efficiency, performance or external
component size.
The LT3755/LT3755-1/LT3755-2 sense output current at
the high side of the LED string. High side current sensing
is the most flexible scheme for driving LEDs, allowing
boost, buck mode or buck-boost mode configuration.
The PWM input provides LED dimming ratios of up to
3000:1, and the CTRL input provides additional analog
dimming capability.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. True Color PWM is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 7199560, 7321203.
50W White Automotive LED Headlamp Driver
n
3000:1 True Color PWM™ Dimming
n
Wide Input Voltage Range: 4.5V to 40V
n
Output Voltage Up to 75V
n
Constant-Current and Constant-Voltage Regulation
n
100mV High Side Current Sense
n
Drives LEDs in Boost, Buck Mode, Buck-Boost Mode,
SEPIC or Flyback Topology
n
Adjustable Frequency: 100kHz to 1MHz
n
Open LED Protection
n
Programmable Undervoltage Lockout with Hysteresis
n
Improved Open LED Status Pin (LT3755-2)
n
Frequency Synchronization (LT3755-1)
n
PWM Disconnect Switch Driver
n
CTRL Pin Provides Analog Dimming
n
Low Shutdown Current: <1µA
n
Programmable Soft-Start
n
Thermally Enhanced 16-Lead QFN (3mm
× 3mm)
and MSOP Packages
n
High Power LED
n
Battery Chargers
n
Accurate Current Limited Voltage Regulators
VIN
LT3755-2
22µH
GND
VC
INTVCC
SHDN/UVLO
FB
VREF
ISP
332k
100k
INTVCC
1M
4.7µF
0.001µF
0.01µF
VIN
8V TO
40V
185k
10k
28.7k
375kHz
4.7µF
40.2k
CTRL
0.015
0.1
1M
23.7k
1A
4.7µF
50W
LED
STRING
37551 TA01a
OPENLED
PWM
SS
RT
ISN
GATE
SENSE
PWMOUT
Efficiency vs VIN
VIN (V)
0
10
80
84
88
92
96
100
20
30
40
37551 TA01b


Similar Part No. - LT3755

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3755 LINER-LT3755 Datasheet
266Kb / 24P
   40VIN, 75VOUT LED Controller
LT3755 LINER-LT3755 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
LT3755 LINER-LT3755 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
logo
Linear Integrated Syste...
LT3755 LINEAR-LT3755 Datasheet
2Mb / 30P
   36V, 2A Synchronous Step-Up LED Driver
logo
Analog Devices
LT3755 AD-LT3755 Datasheet
504Kb / 28P
   40VIN, 75VOUT LED Controllers
More results

Similar Description - LT3755

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3755-1 LINER-LT3755-1_15 Datasheet
355Kb / 26P
   40VIN, 75VOUT LED Controllers
LT3755-2 LINER-LT3755-2_15 Datasheet
355Kb / 26P
   40VIN, 75VOUT LED Controllers
LT3755 LINER-LT3755_15 Datasheet
355Kb / 26P
   40VIN, 75VOUT LED Controllers
logo
Analog Devices
LT3755 AD-LT3755 Datasheet
504Kb / 28P
   40VIN, 75VOUT LED Controllers
logo
Linear Technology
LT3755 LINER-LT3755 Datasheet
266Kb / 24P
   40VIN, 75VOUT LED Controller
LT3954 LINER-LT3954 Datasheet
252Kb / 8P
   40VIN 40VOUT LED Driver
LT3954 LINER-LT3954_15 Datasheet
327Kb / 26P
   40VIN LED Converter with Internal PWM Generator
logo
Shenzhen Huazhimei Semi...
HM1465 HMSEMI-HM1465 Datasheet
681Kb / 11P
   40Vin 4 Outputs Buck Controller
HM1461 HMSEMI-HM1461 Datasheet
574Kb / 9P
   40Vin 2 Outputs Buck Controller
logo
Linear Technology
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
   40VIN, 2A Silent Switcher 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com