Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1761ES5-SD Datasheet(PDF) 11 Page - Linear Dimensions Semiconductor

Part # LT1761ES5-SD
Description  100mA, Low Noise, LDO Micropower Regulators in TSOT-23
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LT1761ES5-SD Datasheet(HTML) 11 Page - Linear Dimensions Semiconductor

Back Button LT1761ES5-SD Datasheet HTML 7Page - Linear Dimensions Semiconductor LT1761ES5-SD Datasheet HTML 8Page - Linear Dimensions Semiconductor LT1761ES5-SD Datasheet HTML 9Page - Linear Dimensions Semiconductor LT1761ES5-SD Datasheet HTML 10Page - Linear Dimensions Semiconductor LT1761ES5-SD Datasheet HTML 11Page - Linear Dimensions Semiconductor LT1761ES5-SD Datasheet HTML 12Page - Linear Dimensions Semiconductor LT1761ES5-SD Datasheet HTML 13Page - Linear Dimensions Semiconductor LT1761ES5-SD Datasheet HTML 14Page - Linear Dimensions Semiconductor LT1761ES5-SD Datasheet HTML 15Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LT1761 Series
11
1761sff
TYPICAL PERFORMANCE CHARACTERISTICS
ADJ Pin Bias Current
Current Limit
Current Limit
Reverse Output Current
Reverse Output Current
Input Ripple Rejection
SHDN Pin Threshold
(Off to On)
SHDN Pin Input Current
SHDN Pin Input Current
TEMPERATURE (°C)
–50
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
50
75
1761 G27
–25
25
100
125
IL = 100mA
IL = 1mA
SHDN PIN VOLTAGE (V)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1761 G28
0123
4
5
67
8
9
10
TEMPERATURE (°C)
–50
0
50
75
1761 G29
–25
25
100
125
VSHDN = 20V
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
TEMPERATURE ( C)
–50
100
90
80
70
60
50
40
30
20
10
0
0
50
75
1761 G30
–25
25
100
125
INPUT VOLTAGE (V)
0
2
4
5
1761 G31
1
3
6
7
350
300
250
200
150
100
50
0
VOUT = 0V
TJ = 25°C
TEMPERATURE (°C)
–50
0
50
75
1761 G32
–25
25
100
125
350
300
250
200
150
100
50
0
VIN = 7V
VOUT = 0V
OUTPUT VOLTAGE (V)
100
90
80
70
60
50
40
30
20
10
0
1761 G33
0123
4
5
67
8
9
10
TJ = 25°C
VIN = 0V
CURRENT FLOWS
INTO OUTPUT PIN
VOUT = VADJ
(LT1761-BYP, -SD)
LT1761-BYP
LT1761-SD
LT1761-2
LT1761-3.3
LT1761-5
LT1761-1.8
LT1761-1.5
LT1761-2.5
LT1761-2.8
LT1761-3
LT1761-1.2
TEMPERATURE (°C)
–50
25.0
22.5
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
0
0
50
75
1761 G34
–25
25
100
125
VIN = 0V
VOUT = 1.22V (LT1761-BYP, -SD)
VOUT = 1.2V (LT1761-1.2)
VOUT = 1.5V (LT1761-1.5)
VOUT = 1.8V (LT1761-1.8)
VOUT = 2V (LT1761-2)
VOUT = 2.5V (LT1761-2.5)
VOUT = 2.8V (LT1761-2.8)
VOUT = 3V (LT1761-3)
VOUT = 3.3V (LT1761-3.3)
VOUT = 5V (LT1761-5)
LT1761-BYP,-SD
LT1761-1.2,-1.5,-1.8,-2,
-2.5,-2.8,-3,-3.3,-5
FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
10
1k
10k
1M
1761 G35
100
100k
IL = 100mA
VIN = VOUT(NOMINAL) +
1V + 50mVRMS RIPPLE
CBYP = 0
COUT = 1μF
COUT = 10μF
LT1761-BYP
LT1761-5


Similar Part No. - LT1761ES5-SD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1761ES5-SD LINER-LT1761ES5-SD Datasheet
246Kb / 16P
   100mA, Low Noise, LDO Micropower Regulators in SOT-23
LT1761ES5-SD LINER-LT1761ES5-SD Datasheet
260Kb / 20P
   100mA, Low Noise,LDO Micropower Regulators in SOT-23
LT1761ES5-SD LINER-LT1761ES5-SD Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
LT1761ES5-SD-PBF LINER-LT1761ES5-SD-PBF Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
LT1761ES5-SD-TR LINER-LT1761ES5-SD-TR Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
More results

Similar Description - LT1761ES5-SD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1761 LINER-LT1761_15 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
LT1761 LINER-LT1761_10 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
LT1761 LINER-LT1761_1 Datasheet
260Kb / 20P
   100mA, Low Noise,LDO Micropower Regulators in SOT-23
LT1761 LINER-LT1761 Datasheet
246Kb / 16P
   100mA, Low Noise, LDO Micropower Regulators in SOT-23
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1763 LINER-LT1763_1 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com