Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BW-IGMROUN Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # BW-IGMROUN
Description  EVERBOUQUET INTERNATIONAL CO., LTD.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BW-IGMROUN Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  BW-IGMROUN Datasheet HTML 1Page - List of Unclassifed Manufacturers BW-IGMROUN Datasheet HTML 2Page - List of Unclassifed Manufacturers BW-IGMROUN Datasheet HTML 3Page - List of Unclassifed Manufacturers BW-IGMROUN Datasheet HTML 4Page - List of Unclassifed Manufacturers BW-IGMROUN Datasheet HTML 5Page - List of Unclassifed Manufacturers BW-IGMROUN Datasheet HTML 6Page - List of Unclassifed Manufacturers BW-IGMROUN Datasheet HTML 7Page - List of Unclassifed Manufacturers BW-IGMROUN Datasheet HTML 8Page - List of Unclassifed Manufacturers BW-IGMROUN Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5. Absolute maximum ratings
5.1 Electrical absolute maximum ratings
I T E M
SYMBOL
MIN.
MAX.
UNIT
COMMENT
POWER SUPPLY FOR LOGIC
VDD-VSS
0
6.0
V
-------
INPUT VOLTAGE
VI
VSS
VDD
V
-------
STATIC ELECTRICITY
-------
------
100
V
NOTE (1)
POWER SUPPLY FOR LED
VLED
------
6.0
V
-------
NOTE (1): ELECTRO-STATIC DISCHARGE RESISTANCE IS TESTED BY CHARGING
A 200PF CAPACITOR AND DISCHARGING IT BY CONTACT WITH A
INTERFACE CONNECTOR PIN.
5.2 Environmental absolute maximum ratings
OPERATING
STORAGE
I T E M
CONDITION
MIN.
MAX.
MIN.
MAX.
COMMENT
NORMAL
0℃
50℃
AMBIENT
TEMPERATURE
WIDE
-20℃
70℃
-20℃
70℃
------
HUMIDITY
------
NOTE (2)
NOTE (2)
NO
CONDENSATION
VIBRATION
NOTE (3)
------
------
0.5G
------
2G
10~300Hz
XYZ
DIRECTIONS
1 Hr EACH
SHOCK
NOTE (3)
------
------
3G
------
50G
10 msec
XYZ
DIRECTIONS
1 TIME EACH
CORROSIVE
GAS
------
NOT
ACCEPTABLE
NOT
ACCEPTABLE
-------
NOTE (2): Ta ≦ 50℃: 90% RH MAX.
Ta > 50℃: ABSOLUTE HUMIDITY MUST BE LOWER THAN THE
HUMIDITY OF 90% RH AT 50℃. (80%RH AT 60℃)
NOTE (3): 1G = 9.8 m/S
2
MC16011A-SERIES-1
PAGE: 5/9


Similar Part No. - BW-IGMROUN

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BW-20N100W MINI-BW-20N100W Datasheet
191Kb / 2P
   N-Type Fixed Attenuator
BW-20N250W++ MINI-BW-20N250W+ Datasheet
400Kb / 4P
   Precision Fixed Attenuator
REV. OR
logo
Knowles Electronics
BW-21789-000 KNOWLES-BW-21789-000 Datasheet
178Kb / 2P
   MICROPHONE
logo
Mini-Circuits
BW-30N100W MINI-BW-30N100W Datasheet
190Kb / 2P
   N-Type Fixed Attenuator
BW-30N250W++ MINI-BW-30N250W+ Datasheet
400Kb / 4P
   Precision Fixed Attenuator
REV. OR
More results

Similar Description - BW-IGMROUN

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LD85H6S-A SENSORTECHNICS-LD85H6S-A Datasheet
1Mb / 6P
   Quantum Semiconductor International Co., Ltd.
LD90F7S-A SENSORTECHNICS-LD90F7S-A Datasheet
563Kb / 4P
   Quantum Semiconductor International Co., Ltd.
LD85J6S-A SENSORTECHNICS-LD85J6S-A Datasheet
1Mb / 4P
   Quantum Semiconductor International Co., Ltd.
logo
List of Unclassifed Man...
Z10L431 ETC1-Z10L431 Datasheet
455Kb / 7P
   Power products international ltd
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT232H ETC2-FT232H Datasheet
1Mb / 66P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
   Future Technology Devices International Ltd.
FT230XQ-R FTDI-FT230XQ-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
USB-COM232-PLUS-2 ETC2-USB-COM232-PLUS-2 Datasheet
805Kb / 24P
   Future Technology Devices International Ltd
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com