Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPB980L51Z Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GPB980L51Z
Description  Photologic짰 Slotted Optical Switch OPB960, OPB970, OPB980, OP990 Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GPB980L51Z Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  GPB980L51Z Datasheet HTML 1Page - List of Unclassifed Manufacturers GPB980L51Z Datasheet HTML 2Page - List of Unclassifed Manufacturers GPB980L51Z Datasheet HTML 3Page - List of Unclassifed Manufacturers GPB980L51Z Datasheet HTML 4Page - List of Unclassifed Manufacturers GPB980L51Z Datasheet HTML 5Page - List of Unclassifed Manufacturers GPB980L51Z Datasheet HTML 6Page - List of Unclassifed Manufacturers GPB980L51Z Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue B 10/06
Page 6 of 7
Photologic® Slotted Optical Switch
OPB960, OPB970, OPB980, OP990 Series
For parts built after 2004
OPTEK Technology is TS 16949:2002 certified, any changes will be consistent with TS 16949:2002 procedures.
Emitter
Sensor
Left to Right
Right to Left
0
Width
Top to Bottom
0
"51" Aperture - Flag Next to Sensor
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.00
0.05
0.10
0.15
0.20
0.25
Displacement Distance (inches)
Left to Right
Left to Right (Back)
Right to Left
Right to Left (Back)
Top to Bottom
Top to Bottom (Back)
"51" Apertures - Flag Next to Emitter
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.00
0.05
0.10
0.15
0.20
0.25
Displacement Distance (inches)
Left to Right
Left to Right (Back)
Right to Left
Right to Left (Back)
Top to Bottom
Top to Bottom (Back)
"51" Aperture - Flag in Middle of Slot
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.00
0.05
0.10
0.15
0.20
0.25
Displacement Distance (inches)
Left to Right
Left to Right (Back)
Right to Left
Right to Left (Back)
Top to Bottom
Top to Bottom (Back)


Similar Part No. - GPB980L51Z

ManufacturerPart #DatasheetDescription
logo
CW Industries
GPB001PA06A1UB CWIND-GPB001PA06A1UB Datasheet
569Kb / 1P
   MINI PUSH BUTTON
GPB023A05BR CWIND-GPB023A05BR Datasheet
572Kb / 1P
   PUSH BUTTON SWITCH
GPB023B05BR CWIND-GPB023B05BR Datasheet
564Kb / 1P
   PUSH BUTTON SWITCH
GPB024A05BB CWIND-GPB024A05BB Datasheet
630Kb / 1P
   PUSH BUTTON SWITCH
GPB024A05BR CWIND-GPB024A05BR Datasheet
613Kb / 1P
   PUSH BUTTON SWITCH
More results

Similar Description - GPB980L51Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPB970L55 ETC2-OPB970L55 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch OPB960, OPB970, OPB980, OPB990 Series
OPB990T55 ETC2-OPB990T55 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB970N51 ETC-OPB970N51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
logo
OPTEK Technologies
OPB930W51Z OPTEK-OPB930W51Z Datasheet
283Kb / 7P
   Photologic짰 Slotted Optical Switch
logo
List of Unclassifed Man...
OPB982T51 ETC2-OPB982T51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB931W51Z ETC2-OPB931W51Z Datasheet
283Kb / 7P
   Photologic짰 Slotted Optical Switch
logo
OPTEK Technologies
OPB120A OPTEK-OPB120A Datasheet
418Kb / 5P
   Photologic짰 Slotted Optical Switch
logo
List of Unclassifed Man...
OPB970N11 ETC2-OPB970N11 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB970T51 ETC-OPB970T51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB983T51Z ETC2-OPB983T51Z Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com