Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA347UAG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA347UAG4
Description  microPower, Rail-to-Rail Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA347UAG4 Datasheet(HTML) 1 Page - Texas Instruments

  OPA347UAG4 Datasheet HTML 1Page - Texas Instruments OPA347UAG4 Datasheet HTML 2Page - Texas Instruments OPA347UAG4 Datasheet HTML 3Page - Texas Instruments OPA347UAG4 Datasheet HTML 4Page - Texas Instruments OPA347UAG4 Datasheet HTML 5Page - Texas Instruments OPA347UAG4 Datasheet HTML 6Page - Texas Instruments OPA347UAG4 Datasheet HTML 7Page - Texas Instruments OPA347UAG4 Datasheet HTML 8Page - Texas Instruments OPA347UAG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
micro
Power, Rail-to-Rail
Operational Amplifiers
FEATURES
q LOW I
Q: 20µA
q microSIZE PACKAGES: WCSP-8, SC70-5
SOT23-5, SOT23-8, and TSSOP-14
q HIGH SPEED/POWER RATIO WITH
BANDWIDTH: 350kHz
q RAIL-TO-RAIL INPUT AND OUTPUT
q SINGLE SUPPLY: 2.3V to 5.5V
APPLICATIONS
q PORTABLE EQUIPMENT
q BATTERY-POWERED EQUIPMENT
q 2-WIRE TRANSMITTERS
q SMOKE DETECTORS
q CO DETECTORS
DESCRIPTION
The OPA347 is a
microPower, low-cost operational amplifier
available in
micropackages. The OPA347 (single version) is
available in the SC-70 and SOT23-5 packages. The OPA2347
(dual version) is available in the SOT23-8 and WCSP-8
packages. Both are also available in the SO-8. The OPA347
is also available in the DIP-8. The OPA4347 (quad) is
available in the SO-14 and the TSSOP-14.
The small size and low power consumption (34
µA per chan-
nel maximum) of the OPA347 make it ideal for portable and
battery-powered applications. The input range of the OPA347
extends 200mV beyond the rails, and the output range is
within 5mV of the rails. The OPA347 also features an
excellent speed/power ratio with a bandwidth of 350kHz.
The OPA347 can be operated with a single or dual power
supply from 2.3V to 5.5V. All models are specified for
operation from –55
°C to +125°C.
®
OPA3
47
OPA3
47
OPA2
347
OPA4
347
OPA347
1
2
3
5
4
V+
–In
Out
V–
+In
OPA347
SOT23-5
1
2
3
4
8
7
6
5
NC
V+
Out
NC
NC
–In
+In
V–
OPA347
SO-8, DIP-8
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2347
SOT23-8, SO-8
A
B
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Out D
–In D
+In D
V–
+In C
–In C
Out C
Out A
–In A
+In A
V+
+In B
–In B
Out B
OPA4347
TSSOP-14, SO-14
AD
BC
OPA347
OPA2347
OPA4347
SBOS167D – NOVEMBER 2000– REVISED JULY 2007
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2000-2007, Texas Instruments Incorporated
1
2
3
5
4
V+
Out
+In
V–
–In
OPA347
SC70-5
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2347
(bump side down)
Not to Scale
WCSP-8
(top view)


Similar Part No. - OPA347UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA347UAG4 TI-OPA347UAG4 Datasheet
958Kb / 25P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347UAG4 TI-OPA347UAG4 Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347UAG4 TI-OPA347UAG4 Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347UAG4 TI1-OPA347UAG4 Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347UAG4 TI-OPA347UAG4 Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
More results

Similar Description - OPA347UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA37AZ TI1-OPA37AZ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347 TI-OPA347 Datasheet
470Kb / 21P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347SA TI-OPA347SA Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347NA TI-OPA347NA Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347 TI-OPA347_07 Datasheet
958Kb / 25P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA27CJ TI-OPA27CJ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931 Datasheet
129Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941 Datasheet
124Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941_08 Datasheet
266Kb / 19P
   Output rail-to-rail micropower operational amplifiers
TS941 STMICROELECTRONICS-TS941_04 Datasheet
223Kb / 18P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com