Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BW-FGMLOUN Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BW-FGMLOUN
Description  EVERBOUQUET INTERNATIONAL CO., LTD.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BW-FGMLOUN Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BW-FGMLOUN Datasheet HTML 1Page - List of Unclassifed Manufacturers BW-FGMLOUN Datasheet HTML 2Page - List of Unclassifed Manufacturers BW-FGMLOUN Datasheet HTML 3Page - List of Unclassifed Manufacturers BW-FGMLOUN Datasheet HTML 4Page - List of Unclassifed Manufacturers BW-FGMLOUN Datasheet HTML 5Page - List of Unclassifed Manufacturers BW-FGMLOUN Datasheet HTML 6Page - List of Unclassifed Manufacturers BW-FGMLOUN Datasheet HTML 7Page - List of Unclassifed Manufacturers BW-FGMLOUN Datasheet HTML 8Page - List of Unclassifed Manufacturers BW-FGMLOUN Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3. General specifications
3.1 General specifications
PLEASE REFER TO:
“CUSTOMER ACCEPTANCE STANDARD SPECIFICATIONS (MS-10-0069)”.
3.2 This individual specification is prior to general specifications
3.3 NUMBERING SYSTEM
MC16011A
B
W
-
S
Y
M
L
O
U
N
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(1).CHARACTER FONTS:
PLEASE ERFER TO
“CUSTOMER ACCEPTANCE STANDARD SPECIFICATIONS (MS-10-0069)”
(2).LCM TEMPERATURE:
“nil” : NORMAL TEMP
“W” : WIDE TEMP
(3).LCD TYPE:
“T” : TN TYPE
“S” : STN TYPE
“H” : HTN TYPE
“F” : FSTN TYPE
(4).LCD COLOR:
“Y” : YELLOW-GREEN
“B” : BLUE(STN/NEGATIVE)/BLACK(FSTN/NEGATIVE)
“G” : GRAY
“W” : WHITE(FSTN/POSITIVE)
(5)LCD POLARIZE TYPE
“nil” : TRANSFLECTIVE
“M” : TRANSMISSIVE
(6).BACKLIGHT TYPE:
“L” : LED BACKLIGHT
“R” : REFLECTIVE
(7).BACKLIGHT COLOR:
LED TYPE:
“nil” : YELLOW-GREEN
“A” : AMBER
“O” : ORANGE
“R” : RED
(8).VIEWING DIRECTION:
“nil” : 6 O’CLOCK
“3” : 3 O’CLOCK
“U” : 12 O’CLOCK
“9” : 9 O’CLOCK
(9).BACKLIGHT TYPE:
“nil” : LED(+),LED(-)---NORMAL
“N” : LED(+),LED(-)---CHANGE
MC16011A-SERIES-1
PAGE: 3/9


Similar Part No. - BW-FGMLOUN

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BW-20N100W MINI-BW-20N100W Datasheet
191Kb / 2P
   N-Type Fixed Attenuator
BW-20N250W++ MINI-BW-20N250W+ Datasheet
400Kb / 4P
   Precision Fixed Attenuator
REV. OR
logo
Knowles Electronics
BW-21789-000 KNOWLES-BW-21789-000 Datasheet
178Kb / 2P
   MICROPHONE
logo
Mini-Circuits
BW-30N100W MINI-BW-30N100W Datasheet
190Kb / 2P
   N-Type Fixed Attenuator
BW-30N250W++ MINI-BW-30N250W+ Datasheet
400Kb / 4P
   Precision Fixed Attenuator
REV. OR
More results

Similar Description - BW-FGMLOUN

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LD85H6S-A SENSORTECHNICS-LD85H6S-A Datasheet
1Mb / 6P
   Quantum Semiconductor International Co., Ltd.
LD90F7S-A SENSORTECHNICS-LD90F7S-A Datasheet
563Kb / 4P
   Quantum Semiconductor International Co., Ltd.
LD85J6S-A SENSORTECHNICS-LD85J6S-A Datasheet
1Mb / 4P
   Quantum Semiconductor International Co., Ltd.
logo
List of Unclassifed Man...
Z10L431 ETC1-Z10L431 Datasheet
455Kb / 7P
   Power products international ltd
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT232H ETC2-FT232H Datasheet
1Mb / 66P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
   Future Technology Devices International Ltd.
FT230XQ-R FTDI-FT230XQ-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
USB-COM232-PLUS-2 ETC2-USB-COM232-PLUS-2 Datasheet
805Kb / 24P
   Future Technology Devices International Ltd
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com