Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD100S18M2 Datasheet(PDF) 1 Page - Jiangsu APT Semiconductor Co.,Ltd

Part # MD100S18M2
Description  Glass Passivated Three Phase Rectifier Bridge
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTSEMI [Jiangsu APT Semiconductor Co.,Ltd]
Direct Link  http://en.apt-semi.com/
Logo APTSEMI - Jiangsu APT Semiconductor Co.,Ltd

MD100S18M2 Datasheet(HTML) 1 Page - Jiangsu APT Semiconductor Co.,Ltd

  MD100S18M2 Datasheet HTML 1Page - Jiangsu APT Semiconductor Co.,Ltd MD100S18M2 Datasheet HTML 2Page - Jiangsu APT Semiconductor Co.,Ltd MD100S18M2 Datasheet HTML 3Page - Jiangsu APT Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MD100S18M2
Document Number: S-M0019
www.apt-semi.com
Rev.1.0, May.31, 2013
1
Module Type
TYPE
VRRM
VRSM
MD100S08M2
MD100S12M2
MD100S16M2
MD100S18M2
800V
1200V
1600V
1800V
900V
1300V
1700V
1900V
Maximum Ratings
Symbol
Conditions
Values
Units
ID
Three phase, full wave Tc=100℃
100
A
IFSM
t=10mS Tvj =45℃
920
A
i
2t
t=10mS Tvj =45℃
4200
A
2s
Visol
a.c.50HZ;r.m.s.;1min
3000
V
Tvj
-40 to +150
Tstg
-40 to +125
Mt
To terminals(M5)
5±15%
Nm
Ms
To heatsink(M5)
5±15%
Nm
Weight
Module (Approximately)
130
g
Thermal Characteristics
Symbol
Conditions
Values
Units
Rth(j-c)
Per diode
1.0
℃/W
Rth(c-s)
Module (Approximately)
0.07
℃/W
Electrical Characteristics
Circuit
Glass Passivated Three
Phase Rectifier Bridge
VRRM 800 to 1800V
ID
100 A
Features
Three phase bridge rectifier
Blocking voltage:800 to 1800V
Heat transfer through aluminum oxide DBC
ceramic isolated metal baseplate
Glass passivated chip
UL recognized applied for file no. E360040
Applications
Three phase rectifiers for power supplies
Rectifiers for DC motor field supplies
Battery charger rectifiers
Input rectifiers for variable frequency drives
Symbol
Conditions
Values
Units
Min.
Typ.
Max.
VFM
T=25℃ IF =150A
1.70
1.90
V
IRD
Tvj=25℃ VRD=VRRM
Tvj=150℃ VRD=VRRM
0.3
5
mA
mA
+
~
~
~


Similar Part No. - MD100S18M2

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MD100S18M2 MCC-MD100S18M2 Datasheet
552Kb / 4P
   Glass passivated chip
logo
Yangzhou yangjie electr...
MD100S18M2 YANGJIE-MD100S18M2 Datasheet
194Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
More results

Similar Description - MD100S18M2

ManufacturerPart #DatasheetDescription
logo
Jiangsu APT Semiconduct...
MD100S18M3 APTSEMI-MD100S18M3 Datasheet
88Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
MD100S18M5 APTSEMI-MD100S18M5 Datasheet
118Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
logo
Microsemi Corporation
MSD100 MICROSEMI-MSD100 Datasheet
131Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
logo
Yangzhou yangjie electr...
MD250S08M3 YANGJIE-MD250S08M3 Datasheet
140Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
logo
Nanjing International G...
MDS150P DGNJDZ-MDS150P Datasheet
1Mb / 2P
   Glass Passivated Three Phase Rectifier Bridge
MDS50G DGNJDZ-MDS50G Datasheet
1Mb / 2P
   Glass Passivated Three Phase Rectifier Bridge
logo
Yangzhou yangjie electr...
MD50S08M4 YANGJIE-MD50S08M4 Datasheet
129Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
MD100S08M2 YANGJIE-MD100S08M2 Datasheet
194Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
logo
Shanghai Leiditech Elec...
MD60S18M2 LEIDITECH-MD60S18M2 Datasheet
311Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
logo
List of Unclassifed Man...
MSD70S ETC2-MSD70S Datasheet
177Kb / 3P
   Glass Passivated Three phase Rectifier Bridge
MSD75 ETC2-MSD75 Datasheet
143Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com