Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2314AIDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2314AIDR
Description  3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2314AIDR Datasheet(HTML) 1 Page - Texas Instruments

  OPA2314AIDR Datasheet HTML 1Page - Texas Instruments OPA2314AIDR Datasheet HTML 2Page - Texas Instruments OPA2314AIDR Datasheet HTML 3Page - Texas Instruments OPA2314AIDR Datasheet HTML 4Page - Texas Instruments OPA2314AIDR Datasheet HTML 5Page - Texas Instruments OPA2314AIDR Datasheet HTML 6Page - Texas Instruments OPA2314AIDR Datasheet HTML 7Page - Texas Instruments OPA2314AIDR Datasheet HTML 8Page - Texas Instruments OPA2314AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
OPA314
OPA2314
OPA4314
www.ti.com
SBOS563F – MAY 2011 – REVISED AUGUST 2013
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS
Operational Amplifier
Check for Samples: OPA314, OPA2314, OPA4314
1
FEATURES
DESCRIPTION
The OPA314 family of single-, dual-, and quad-
2
Low IQ: 150 µA/ch
channel operational amplifiers represents a new
Wide Supply Range: 1.8 V to 5.5 V
generation of low-power, general-purpose CMOS
Low Noise: 14 nV/
√Hz at 1 kHz
amplifiers. Rail-to-rail input and output swings, low
quiescent current (150
μA typ at 5.0 VS) combined
Gain Bandwidth: 3 MHz
with a wide bandwidth of 3 MHz, and very low noise
Low Input Bias Current: 0.2 pA
(14 nV/
√Hz at 1 kHz) make this family very attractive
Low Offset Voltage: 0.5 mV
for a variety of battery-powered applications that
require
a
good
balance
between
cost
and
Unity-Gain Stable
performance. The low input bias current supports
Internal RF/EMI Filter
applications with mega-ohm source impedances.
Extended Temperature Range:
The robust design of the OPA314 devices provides
–40°C to +125°C
ease-of-use to the circuit designer: unity-gain stability
with capacitive loads of up to 300 pF, an integrated
APPLICATIONS
RF/EMI rejection filter, no phase reversal in overdrive
Battery-Powered Instruments:
conditions, and high electrostatic discharge (ESD)
protection (4-kV HBM).
Consumer, Industrial, Medical
Notebooks, Portable Media Players
These
devices
are
optimized
for
low-voltage
operation as low as +1.8 V (±0.9 V) and up to +5.5 V
Photodiode Amplifiers
(±2.75 V), and are specified over the full extended
Active Filters
temperature range of –40°C to +125°C.
Remote Sensing
The OPA314 (single) is available in both SC70-5 and
Wireless Metering
SOT23-5 packages. The OPA2314 (dual) is offered in
Handheld Test Equipment
SO-8, MSOP-8, and DFN-8 packages. The quad-
channel OPA4314 is offered in a TSSOP-14 package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA2314AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2314AIDR TI1-OPA2314AIDR Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA2314AIDR TI1-OPA2314AIDR Datasheet
1Mb / 45P
[Old version datasheet]   Operational Amplifier
OPA2314AIDRBR TI1-OPA2314AIDRBR Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA2314AIDRBR TI1-OPA2314AIDRBR Datasheet
1Mb / 45P
[Old version datasheet]   Operational Amplifier
OPA2314AIDRBT TI1-OPA2314AIDRBT Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
More results

Similar Description - OPA2314AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI-OPA314_15 Datasheet
1Mb / 45P
[Old version datasheet]   OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI-OPA2314-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   OPA2314-Q1 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI-OPA316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA313 TI-OPA313 Datasheet
2Mb / 36P
[Old version datasheet]   1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com