Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMAPL137BZKBD4 Datasheet(PDF) 2 Page - Texas Instruments

Part # OMAPL137BZKBD4
Description  OMAP-L137 Low-Power Applications Processor
Download  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OMAPL137BZKBD4 Datasheet(HTML) 2 Page - Texas Instruments

  OMAPL137BZKBD4 Datasheet HTML 1Page - Texas Instruments OMAPL137BZKBD4 Datasheet HTML 2Page - Texas Instruments OMAPL137BZKBD4 Datasheet HTML 3Page - Texas Instruments OMAPL137BZKBD4 Datasheet HTML 4Page - Texas Instruments OMAPL137BZKBD4 Datasheet HTML 5Page - Texas Instruments OMAPL137BZKBD4 Datasheet HTML 6Page - Texas Instruments OMAPL137BZKBD4 Datasheet HTML 7Page - Texas Instruments OMAPL137BZKBD4 Datasheet HTML 8Page - Texas Instruments OMAPL137BZKBD4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 223 page
background image
OMAP-L137
SPRS563F – SEPTEMBER 2008 – REVISED FEBRUARY 2013
www.ti.com
2 SP x DP -> DP Every Three Clocks
Entire subsystem under a single PSC
clock gating domain
2 DP x DP -> DP Every Four Clocks
– Dedicated interrupt controller
Fixed Point Multiply Supports Two 32 x
32-Bit Multiplies, Four 16 x 16-Bit
– Dedicated switched central resource
Multiplies, or Eight 8 x 8-Bit Multiplies per
• USB 1.1 OHCI (Host) With Integrated PHY
Clock Cycle, and Complex Multiples
(USB1)
– Instruction Packing Reduces Code Size
• USB 2.0 OTG Port With Integrated PHY (USB0)
– All Instructions Conditional
– USB 2.0 High-/Full-Speed Client
– Hardware Support for Modulo Loop
– USB 2.0 High-/Full-/Low-Speed Host
Operation
– End Point 0 (Control)
– Protected Mode Operation
– End Points 1,2,3,4 (Control, Bulk, Interrupt or
– Exceptions Support for Error Detection and
ISOC) Rx and Tx
Program Redirection
• Three Multichannel Audio Serial Ports:
• 128K-Byte RAM Shared Memory
– Six Clock Zones and 28 Serial Data Pins
• 3.3V LVCMOS IOs (except for USB interfaces)
– Supports TDM, I2S, and Similar Formats
• Two External Memory Interfaces:
– DIT-Capable (McASP2)
– EMIFA
– FIFO buffers for Transmit and Receive
NOR (8-/16-Bit-Wide Data)
• 10/100 Mb/s Ethernet MAC (EMAC):
NAND (8-/16-Bit-Wide Data)
– IEEE 802.3 Compliant (3.3-V I/O Only)
16-Bit SDRAM With 128MB Address
– RMII Media Independent Interface
Space
– Management Data I/O (MDIO) Module
– EMIFB
• Real-Time Clock With 32 KHz Oscillator and
32-Bit or 16-Bit SDRAM With 256MB
Separate Power Rail
Address Space
• One 64-Bit General-Purpose Timer
• Three Configurable 16550 type UART Modules:
(Configurable as Two 32-Bit Timers)
– UART0 With Modem Control Signals
• One 64-bit General-Purpose/Watchdog Timer
– Autoflow control signals (CTS, RTS) on
(Configurable as Two 32-bit General-Purpose
UART0 only
Timers)
– 16-byte FIFO
• Three Enhanced Pulse Width Modulators
– 16x or 13x Oversampling Option
(eHRPWM):
• LCD Controller
– Dedicated 16-Bit Time-Base Counter With
Period And Frequency Control
• Two Serial Peripheral Interfaces (SPI) Each
With One Chip-Select
– 6 Single Edge, 6 Dual Edge Symmetric or 3
Dual Edge Asymmetric Outputs
• Multimedia Card (MMC)/Secure Digital (SD)
Card Interface with Secure Data I/O (SDIO)
– Dead-Band Generation
• Two Master/Slave Inter-Integrated Circuit (I2C
– PWM Chopping by High-Frequency Carrier
Bus™)
– Trip Zone Input
• One Host-Port Interface (HPI) With 16-Bit-Wide
• Three 32-Bit Enhanced Capture Modules
Muxed Address/Data Bus For High Bandwidth
(eCAP):
• Programmable Real-Time Unit Subsystem
– Configurable as 3 Capture Inputs or 3
(PRUSS)
Auxiliary Pulse Width Modulator (APWM)
– Two Independent Programmable Realtime
outputs
Unit (PRU) Cores
– Single Shot Capture of up to Four Event
32-Bit Load/Store RISC architecture
Time-Stamps
4K Byte instruction RAM per core
• Two 32-Bit Enhanced Quadrature Encoder
Pulse Modules (eQEP)
512 Bytes data RAM per core
• 256-Ball Pb-Free Plastic Ball Grid Array (PBGA)
PRU Subsystem (PRUSS) can be disabled
[ZKB Suffix], 1.0-mm Ball Pitch
via software to save power
• Commercial, Industrial, Extended, or
– Standard power management mechanism
Automotive Temperature
Clock gating
2
OMAP-L137 Low-Power Applications Processor
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP-L137


Similar Part No. - OMAPL137BZKBD4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAPL137BHKGD1 TI-OMAPL137BHKGD1 Datasheet
1Mb / 205P
[Old version datasheet]   Low-Power Applications Processor
OMAPL137BPTPH TI-OMAPL137BPTPH Datasheet
1Mb / 205P
[Old version datasheet]   Low-Power Applications Processor
More results

Similar Description - OMAPL137BZKBD4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAPL137CZKBT3 TI1-OMAPL137CZKBT3 Datasheet
1Mb / 222P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAP-L137 TI-OMAP-L137_15 Datasheet
1Mb / 222P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAP-L138_0908 TI-OMAP-L138_0908 Datasheet
2Mb / 268P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
OMAP-L138 TI-OMAP-L138 Datasheet
2Mb / 255P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
OMAP3530ECUS TI1-OMAP3530ECUS Datasheet
3Mb / 264P
[Old version datasheet]   OMAP3530/25 Applications Processor: OMAP 3 Architecture
OMAPL137BPTPH TI-OMAPL137BPTPH Datasheet
1Mb / 205P
[Old version datasheet]   Low-Power Applications Processor
OMAP-L138 TI-OMAP-L138_10 Datasheet
2Mb / 268P
[Old version datasheet]   Low-Power Applications Processor
OMAP-L137 TI-OMAP-L137 Datasheet
1Mb / 219P
[Old version datasheet]   Low-Power Applications Processor
OMAP-L138 TI1-OMAP-L138_16 Datasheet
1Mb / 286P
[Old version datasheet]   OMAP-L138 C6000 DSP ARM Processor
OMAP-L138 TI-OMAP-L138_15 Datasheet
1Mb / 286P
[Old version datasheet]   OMAP-L138 C6000??DSP ARM짰 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com