Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP470 Datasheet(PDF) 10 Page - Analog Devices

Part # OP470
Description  Very Low Noise Quad Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP470 Datasheet(HTML) 10 Page - Analog Devices

Back Button OP470 Datasheet HTML 6Page - Analog Devices OP470 Datasheet HTML 7Page - Analog Devices OP470 Datasheet HTML 8Page - Analog Devices OP470 Datasheet HTML 9Page - Analog Devices OP470 Datasheet HTML 10Page - Analog Devices OP470 Datasheet HTML 11Page - Analog Devices OP470 Datasheet HTML 12Page - Analog Devices OP470 Datasheet HTML 13Page - Analog Devices OP470 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. B
OP470
–10–
Figure 6 shows peak-to-peak noise versus source resistance over
the 0.1 Hz to 10 Hz range. Once again, at low values of RS, the
voltage noise of the OP470 is the major contributor to peak-to-peak
noise with current noise the major contributor as RS increases.
The crossover point between the OP470 and the OP400 for
peak-to-peak noise is at RS = 17 k
W.
The OP471 is a higher speed version of the OP470, with a slew
rate of 8 V/
ms. Noise of the OP471 is only slightly higher than
the OP470. Like the OP470, the OP471 is unity-gain stable.
RS – SOURCE RESISTANCE –
1000
10
100
100k
100
10k
1k
OP11
OP400
OP471
OP470
RESISTOR
NOISE ONLY
Figure 6. Peak-To-Peak Noise (0.1 Hz to 10 Hz) vs. Source
Resistance (Includes Resistor Noise)
For reference, typical source resistances of some signal sources
are listed in Table I.
R1
5
R3
1.24k
OP470
DUT
R2
5
R5
909
OP27E
R4
200
C1
2 F
R6
600k
R9
306k
OP15E
R8
10k
D1
1N4148
D2
1N4148
C2
0.032 F
R10
65.4k
R11
65.4k
C3
0.22 F
OP15E
C4
0.22 F
R13
5.9k
R12
10k
R14
4.99k
C5
1 F
eOUT
GAIN = 50,000
VS = 5V
Figure 7. Peak-To-Peak Voltage Noise Test Circuit (0.1 Hz to 10 Hz)
Table I.
Device
Source
Impedance
Comments
Strain gage
<500
W
Typically used in
low frequency applications.
Magnetic
<1500
W
Low IB very important to reduce
tapehead
self-magnetization problems
when direct coupling is used.
OP470 IB can be neglected.
Magnetic
<1500
W
Similar need for low IB in direct
phonograph
coupled applications. OP470
cartridges
will not introduce any self-
magnetization problem.
Linear variable <1500
W
Used in rugged servo-feedback
differential
applications. Bandwidth of
transformer
interest is 400 Hz to 5 kHz.
For further information regarding noise calculations, see “Minimization of Noise
in Op Amp Applications,” Application Note AN-15.
NOISE MEASUREMENTS—
PEAK-TO-PEAK VOLTAGE NOISE
The circuit of Figure 7 is a test setup for measuring peak-to-peak
voltage noise. To measure the 200 nV peak-to-peak noise speci-
fication of the OP470 in the 0.1 Hz to 10 Hz range, the following
precautions must be observed:
1. The device must be warmed up for at least five minutes. As
shown in the warm-up drift curve, the offset voltage typi-
cally changes 5
mV due to increasing chip temperature after
power-up. In the 10-second measurement interval, these
temperature-induced effects can exceed tens of nanovolts.
2. For similar reasons, the device must be well-shielded from
air currents. Shielding also minimizes thermocouple effects.
3. Sudden motion in the vicinity of the device can also “feedthrough”
to increase the observed noise.


Similar Part No. - OP470

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP470 AD-OP470 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
OP470 AD-OP470 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
OP470 AD-OP470 Datasheet
248Kb / 5P
   Very low noise, quad, operational amplifier
REV. B
OP470 AD-OP470 Datasheet
343Kb / 19P
   Ultralow Distortion, Ultralow Noise Op Amp
OP470ARCMDA AD-OP470ARCMDA Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
More results

Similar Description - OP470

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP470 AD-OP470_15 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
OP470GPZ AD-OP470GPZ Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
5962-88565012A AD-5962-88565012A Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
OP470 AD-OP470 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
5962R8856501VCA AD-5962R8856501VCA Datasheet
248Kb / 5P
   Very low noise, quad, operational amplifier
REV. B
OP-470 AD-OP-470 Datasheet
587Kb / 15P
   VERY LOW NOISE QUAD OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HS-OP470ARH INTERSIL-HS-OP470ARH Datasheet
27Kb / 2P
   Radiation Hardened, Very Low Noise Quad Operational Amplifier
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_08 Datasheet
142Kb / 12P
   Low noise quad operational amplifier
logo
National Semiconductor ...
LM837 NSC-LM837 Datasheet
414Kb / 8P
   Low Noise Quad Operational Amplifier
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_V01 Datasheet
1Mb / 18P
   Low-noise JFET quad operational amplifier
November 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com