Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP470AY Datasheet(PDF) 1 Page - Analog Devices

Part # OP470AY
Description  Very Low Noise Quad Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP470AY Datasheet(HTML) 1 Page - Analog Devices

  OP470AY Datasheet HTML 1Page - Analog Devices OP470AY Datasheet HTML 2Page - Analog Devices OP470AY Datasheet HTML 3Page - Analog Devices OP470AY Datasheet HTML 4Page - Analog Devices OP470AY Datasheet HTML 5Page - Analog Devices OP470AY Datasheet HTML 6Page - Analog Devices OP470AY Datasheet HTML 7Page - Analog Devices OP470AY Datasheet HTML 8Page - Analog Devices OP470AY Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
OP470
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Very Low Noise Quad
Operational Amplifier
FEATURES
Very Low-Noise, 5 nV/
÷Hz @ 1 kHz Max
Excellent Input Offset Voltage, 0.4 mV Max
Low Offset Voltage Drift, 2
V/ C Max
Very High Gain, 1000 V/mV Min
Outstanding CMR, 110 dB Min
Slew Rate, 2 V/ s Typ
Gain-Bandwidth Product, 6 MHz Typ
Industry Standard Quad Pinouts
Available in Die Form
GENERAL DESCRIPTION
The OP470 is a high-performance monolithic quad operational
amplifier with exceptionally low voltage noise, 5 nV/
÷Hz at
1 kHz max, offering comparable performance to ADI’s industry
standard OP27.
The OP470 features an input offset voltage below 0.4 mV,
excellent for a quad op amp, and an offset drift under 2
mV/∞C,
guaranteed over the full military temperature range. Open loop
gain of the OP470 is over 1,000,000 into a 10 k
W load ensuring
excellent gain accuracy and linearity, even in high gain applica-
tions. Input bias current is under 25 nA, which reduces errors
due to signal source resistance. The OP470’s CMR of over 110
dB and PSRR of less than 1.8
mV/V significantly reduce errors
due to ground noise and power supply fluctuations. Power
consumption of the quad OP470 is half that of four OP27s, a
significant advantage for power conscious applications. The
OP470 is unity-gain stable with a gain bandwidth product of
6 MHz and a slew rate of 2 V/
ms.
PIN CONNECTIONS
14-Lead Hermetic DIP
(Y-Suffix)
14-Lead Plastic DIP
(P-Suffix)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
OP470
16-Lead SOIC Package
(S-Suffix)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NC = NO CONNECT
OUT A
OUT D
OP470
–IN A
–IN D
+IN A
+IN D
V+
V–
+IN B
+IN C
–IN B
–IN C
OUT B
OUT C
NC
NC
SIMPLIFIED SCHEMATIC
–IN
+IN
BIAS
V–
V+
The OP470 offers excellent amplifier matching which is impor-
tant for applications such as multiple gain blocks, low noise
instrumentation amplifiers, quad buffers, and low noise active
filters.
The OP470 conforms to the industry standard 14-lead DIP
pinout. It is pin compatible with the LM148/149, HA4741,
HA5104, and RM4156 quad op amps and can be used to up-
grade systems using these devices.
For higher speed applications, the OP471, with a slew rate of 8
V/
ms, is recommended.


Similar Part No. - OP470AY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP470AY AD-OP470AY Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
OP470AYMDA AD-OP470AYMDA Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
More results

Similar Description - OP470AY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP470 AD-OP470_15 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
OP470GPZ AD-OP470GPZ Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
5962-88565012A AD-5962-88565012A Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
OP470 AD-OP470 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
5962R8856501VCA AD-5962R8856501VCA Datasheet
248Kb / 5P
   Very low noise, quad, operational amplifier
REV. B
OP-470 AD-OP-470 Datasheet
587Kb / 15P
   VERY LOW NOISE QUAD OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HS-OP470ARH INTERSIL-HS-OP470ARH Datasheet
27Kb / 2P
   Radiation Hardened, Very Low Noise Quad Operational Amplifier
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_08 Datasheet
142Kb / 12P
   Low noise quad operational amplifier
logo
National Semiconductor ...
LM837 NSC-LM837 Datasheet
414Kb / 8P
   Low Noise Quad Operational Amplifier
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_V01 Datasheet
1Mb / 18P
   Low-noise JFET quad operational amplifier
November 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com