Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B104NA-BA25I Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14B104NA-BA25I
Description  4-Mbit (512 K x 8/256 K x 16) nvSRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104NA-BA25I Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14B104NA-BA25I Datasheet HTML 1Page - Cypress Semiconductor CY14B104NA-BA25I Datasheet HTML 2Page - Cypress Semiconductor CY14B104NA-BA25I Datasheet HTML 3Page - Cypress Semiconductor CY14B104NA-BA25I Datasheet HTML 4Page - Cypress Semiconductor CY14B104NA-BA25I Datasheet HTML 5Page - Cypress Semiconductor CY14B104NA-BA25I Datasheet HTML 6Page - Cypress Semiconductor CY14B104NA-BA25I Datasheet HTML 7Page - Cypress Semiconductor CY14B104NA-BA25I Datasheet HTML 8Page - Cypress Semiconductor CY14B104NA-BA25I Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
CY14B104LA, CY14B104NA
4-Mbit (512 K × 8/256 K × 16) nvSRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-49918 Rev. *M
Revised September 3, 2012
4-Mbit (512 K × 8/256 K × 16) nvSRAM
Features
20 ns, 25 ns, and 45 ns access times
Internally organized as 512 K × 8 (CY14B104LA) or 256 K × 16
(CY14B104NA)
Hands off automatic STORE on power-down with only a small
capacitor
STORE to QuantumTrap non-volatile elements initiated by
software, device pin, or AutoStore on power-down
RECALL to SRAM initiated by software or power-up
Infinite read, write, and recall cycles
1 million STORE cycles to QuantumTrap
20 year data retention
Single 3 V +20, –10 operation
Industrial temperature
Packages
44-/54-pin thin small outline package (TSOP) Type II
48-ball fine-pitch ball grid array (FBGA)
Pb-free and restriction of hazardous substances (RoHS)
compliant
Functional Description
The Cypress CY14B104LA/CY14B104NA is a fast static RAM
(SRAM), with a non-volatile element in each memory cell. The
memory is organized as 512 K bytes of 8 bits each or 256 K
words of 16-bits each. The embedded non-volatile elements
incorporate QuantumTrap technology, producing the world’s
most reliable non-volatile memory. The SRAM provides infinite
read and write cycles, while independent non-volatile data
resides in the highly reliable QuantumTrap cell. Data transfers
from the SRAM to the non-volatile elements (the STORE
operation) takes place automatically at power-down. On
power-up, data is restored to the SRAM (the RECALL operation)
from the non-volatile memory. Both the STORE and RECALL
operations are also available under software control.
STATIC RAM
ARRAY
2048 X 2048
R
O
W
D
E
C
O
D
E
R
COLUMN I/O
COLUMN DEC
I
N
P
U
T
B
U
F
F
E
R
S
POWER
CONTROL
STORE/RECALL
CONTROL
Quatrum Trap
2048 X 2048
STORE
RECALL
V
CC
V
CAP
HSB
A
9 A10
A
11 A12 A13 A14 A15 A16
SOFTWARE
DETECT
A
14 - A2
OE
CE
WE
BHE
BLE
A
0
A
1
A
2
A
3
A
4
A
5
A
6
A
7
A
8
A
17
A
18
DQ
0
DQ
1
DQ
2
DQ
3
DQ
4
DQ
5
DQ
6
DQ
7
DQ
8
DQ
9
DQ
10
DQ
11
DQ
12
DQ
13
DQ
14
DQ
15
Logic Block Diagram [1, 2, 3]
Notes
1. Address A0–A18 for × 8 configuration and Address A0–A17 for × 16 configuration.
2. Data DQ0–DQ7 for × 8 configuration and Data DQ0–DQ15 for × 16 configuration.
3. BHE and BLE are applicable for × 16 configuration only.


Similar Part No. - CY14B104NA-BA25I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104NA-BA25I CYPRESS-CY14B104NA-BA25I Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104NA-BA25I CYPRESS-CY14B104NA-BA25I Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104NA-BA25I CYPRESS-CY14B104NA-BA25I Datasheet
961Kb / 25P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM 20 ns, 25 ns, and 45 ns access times
CY14B104NA-BA25I CYPRESS-CY14B104NA-BA25I Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104NA-BA25IT CYPRESS-CY14B104NA-BA25IT Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
More results

Similar Description - CY14B104NA-BA25I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14V104LA CYPRESS-CY14V104LA Datasheet
910Kb / 22P
   4-Mbit (512 K x 8 / 256 K x 16) nvSRAM 25 ns and 45 ns access times
CY14B108K CYPRESS-CY14B108K_11 Datasheet
1,014Kb / 31P
   8 Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B108K_1106 CYPRESS-CY14B108K_1106 Datasheet
1Mb / 33P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B104LA_1106 CYPRESS-CY14B104LA_1106 Datasheet
961Kb / 25P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM 20 ns, 25 ns, and 45 ns access times
CY14B108L_1106 CYPRESS-CY14B108L_1106 Datasheet
952Kb / 25P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
CG7501AA CYPRESS-CG7501AA Datasheet
498Kb / 20P
   4-Mbit (512 K 횞 8) nvSRAM
CY14B104K CYPRESS-CY14B104K_12 Datasheet
1Mb / 34P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B104K CYPRESS-CY14B104K Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com