Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C68013A-100AXI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C68013A-100AXI
Description  EZ-USB FX2LP USB Microcontroller High-Speed USB Peripheral Controller
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68013A-100AXI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C68013A-100AXI Datasheet HTML 3Page - Cypress Semiconductor CY7C68013A-100AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C68013A-100AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C68013A-100AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C68013A-100AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C68013A-100AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C68013A-100AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C68013A-100AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C68013A-100AXI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
CY7C68013A, CY7C68014A
CY7C68015A, CY7C68016A
Document #: 38-08032 Rev. *V
Page 7 of 66
If Autovectoring is enabled (AV4EN = 1 in the INTSET-UP
register), the FX 2LP substitutes its INT4VEC byte. Therefore, if
the high byte (“page”) of a jump-table address is preloaded at
location 0x0054, the automatically inserted INT4VEC byte at
0x0055 directs the jump to the correct address out of the 14
addresses within the page. When the ISR occurs, the FX2LP
pushes the program counter to its stack then jumps to address
0x0053, where it expects to find a “jump” instruction to the ISR
Interrupt service routine.
2.9 Reset and Wakeup
2.9.1 Reset Pin
The input pin, RESET#, resets the FX2LP when asserted. This
pin has hysteresis and is active LOW. When a crystal is used with
the CY7C680xxA the reset period must enable stabilization of
the crystal and the PLL. This reset period must be approximately
5 ms after VCC reaches 3.0V. If the crystal input pin is driven by
a clock signal the internal PLL stabilizes in 200
s after VCC has
reached 3.0V.[3]
Figure 2-2 on page 8 shows a power on reset condition and a
reset applied during operation. A power on reset is defined as
the time reset that is asserted while power is being applied to the
circuit. A powered reset is when the FX2LP powered on and
operating and the RESET# pin is asserted.
Cypress provides an application note which describes and
recommends power on reset implementation. For more
information about reset implementation for the FX2 family of
products visit http://www.cypress.com.
Table 4. Individual FIFO/GPIF Interrupt Sources
Priority
INT4VEC Value
Source
Notes
1
80
EP2PF
Endpoint 2 programmable flag
2
84
EP4PF
Endpoint 4 programmable flag
3
88
EP6PF
Endpoint 6 programmable flag
4
8C
EP8PF
Endpoint 8 programmable flag
5
90
EP2EF
Endpoint 2 empty flag
6
94
EP4EF
Endpoint 4 empty flag
7
98
EP6EF
Endpoint 6 empty flag
8
9C
EP8EF
Endpoint 8 empty flag
9
A0
EP2FF
Endpoint 2 full flag
10
A4
EP4FF
Endpoint 4 full flag
11
A8
EP6FF
Endpoint 6 full flag
12
AC
EP8FF
Endpoint 8 full flag
13
B0
GPIFDONE
GPIF operation complete
14
B4
GPIFWF
GPIF waveform
Note
3. If the external clock is powered at the same time as the CY7C680xxA and has a stabilization wait period, it must be added to the 200
s.


Similar Part No. - CY7C68013A-100AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68013A-100AXI CYPRESS-CY7C68013A-100AXI Datasheet
3Mb / 60P
   EZ-USB FX2LP??USB Microcontroller
CY7C68013A-100AXI CYPRESS-CY7C68013A-100AXI Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High-Speed USB Peripheral Controller
CY7C68013A-100AXI CYPRESS-CY7C68013A-100AXI Datasheet
1Mb / 62P
   EZ-USB FX2LP USB Microcontroller High Speed USB Peripheral Controller
CY7C68013A-100AXI CYPRESS-CY7C68013A-100AXI Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C68013A-100AXI CYPRESS-CY7C68013A-100AXI Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
More results

Similar Description - CY7C68013A-100AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68013A_0905 CYPRESS-CY7C68013A_0905 Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C68013A CYPRESS-CY7C68013A_08 Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High-Speed USB Peripheral Controller
CY7C68013A CYPRESS-CY7C68013A_09 Datasheet
1Mb / 62P
   EZ-USB FX2LP USB Microcontroller High Speed USB Peripheral Controller
CY7C68014A CYPRESS-CY7C68014A Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C68013 CYPRESS-CY7C68013_02 Datasheet
568Kb / 50P
   EZ-USB FX USB Microcontroller High-Speed USB Peripheral Controller
CY7C68013A CYPRESS-CY7C68013A Datasheet
1Mb / 55P
   EZ-USB FX2LP USB Microcontroller
CY7C68013A CYPRESS-CY7C68013A_06 Datasheet
3Mb / 60P
   EZ-USB FX2LP??USB Microcontroller
CY7C64713 CYPRESS-CY7C64713_08 Datasheet
1Mb / 54P
   EZ-USB FX1??USB Microcontroller Full-speed USB Peripheral Controller
CY7C6471314 CYPRESS-CY7C6471314 Datasheet
758Kb / 50P
   EZ-USB FX1??USB Microcontroller Full-speed USB Peripheral Controller
CY7C64713 CYPRESS-CY7C64713_11 Datasheet
1Mb / 72P
   EZ-USB FX1 USB Microcontroller Full Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com