Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1021B-15ZE Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1021B-15ZE
Description  1-Mbit (64K X 16) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021B-15ZE Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1021B-15ZE Datasheet HTML 1Page - Cypress Semiconductor CY7C1021B-15ZE Datasheet HTML 2Page - Cypress Semiconductor CY7C1021B-15ZE Datasheet HTML 3Page - Cypress Semiconductor CY7C1021B-15ZE Datasheet HTML 4Page - Cypress Semiconductor CY7C1021B-15ZE Datasheet HTML 5Page - Cypress Semiconductor CY7C1021B-15ZE Datasheet HTML 6Page - Cypress Semiconductor CY7C1021B-15ZE Datasheet HTML 7Page - Cypress Semiconductor CY7C1021B-15ZE Datasheet HTML 8Page - Cypress Semiconductor CY7C1021B-15ZE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CY7C1021B
Document #: 38-05145 Rev. *C
Page 3 of 10
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –55
°C to +125°C
Supply Voltage on VCC Relative to GND
[2] .... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State[2] ......................................–0.5V to VCC+0.5V
DC Input Voltage[2]...................................–0.5V to VCC+0.5V
Current into Outputs (LOW) .........................................20 mA
Static Discharge Voltage............................................ >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current ..................................................... >200 mA
Operating Range
Range
Ambient
Temperature (TA)
[3]
VCC
Commercial
0
°C to +70°C
5V
± 10%
Industrial
–40
°C to +85°C5V ± 10%
Automotive
–40
°C to +125°C5V ± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test
Conditions
-12
-15
Unit
Min.
Max.
Min.
Max.
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
6.0
2.2
6.0
V
VIL
Input LOW Voltage[2]
–0.5
0.8
–0.5
0.8
V
IIX
Input Leakage Current
GND < VI < VCC
Com’l/Ind’l
–1
+1
–1
+1
µA
Auto
–4
+4
µA
IOZ
Output Leakage Current
GND < VI < VCC,
Output Disabled
Com’l/Ind’l
–1
+1
–1
+1
µA
Auto
–4
+4
µA
ICC
VCC Operating
Supply Current
VCC = Max., IOUT = 0 mA,
f = fMAX = 1/tRC
Com’l/Ind’l
140
130
mA
Auto
130
mA
ISB1
Automatic CE
Power Down Current —TTL
Inputs
Max. VCC, CE > VIH
VIN > VIH or VIN < VIL, f =
fMAX
Com’l/Ind’l
40
40
mA
Auto
50
mA
ISB2
Automatic CE
Power Down Current
—CMOS Inputs
Max. VCC, CE > VCC
0.3V, VIN > VCC – 0.3V,
or VIN < 0.3V, f = 0
Com’l/Ind’l
10
10
mA
Auto
15
mA
L Version
0.5
0.5
mA
Capacitance[4]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
8pF
COUT
Output Capacitance
8
pF
Thermal Resistance[4]
Parameter
Description
Test Conditions
44-pin SOJ
44-pin
TSOP-II
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Test conditions follow standard test methods and
procedures for measuring thermal impedance,
per EIA/JESD51.
64.32
76.89
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
31.03
14.28
°C/W
Notes:
2. VIL (min.) = –2.0V and VIH(max) = VCC + 0.5V for pulse durations of less than 20 ns.
3. TA is the “Instant On” case temperature.
4. Tested initially and after any design or process changes that may affect these parameters.
[+] Feedback


Similar Part No. - CY7C1021B-15ZE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021B-15ZE CYPRESS-CY7C1021B-15ZE Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021B-15ZE CYPRESS-CY7C1021B-15ZE Datasheet
322Kb / 10P
   1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY7C1021B-15ZE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_08 Datasheet
394Kb / 14P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_09 Datasheet
472Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30 Datasheet
612Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_06 Datasheet
390Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30 Datasheet
398Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
247Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33 Datasheet
384Kb / 11P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com