Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B104NA-ZS20XIT Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY14B104NA-ZS20XIT
Description  4-Mbit (512 K x 8/256 K x 16) nvSRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104NA-ZS20XIT Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY14B104NA-ZS20XIT Datasheet HTML 4Page - Cypress Semiconductor CY14B104NA-ZS20XIT Datasheet HTML 5Page - Cypress Semiconductor CY14B104NA-ZS20XIT Datasheet HTML 6Page - Cypress Semiconductor CY14B104NA-ZS20XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B104NA-ZS20XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B104NA-ZS20XIT Datasheet HTML 9Page - Cypress Semiconductor CY14B104NA-ZS20XIT Datasheet HTML 10Page - Cypress Semiconductor CY14B104NA-ZS20XIT Datasheet HTML 11Page - Cypress Semiconductor CY14B104NA-ZS20XIT Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
CY14B104LA, CY14B104NA
Document Number: 001-49918 Rev. *M
Page 8 of 26
Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage temperature ................................–65
C to +150 C
Maximum accumulated storage time
At 150
C ambient temperature .......................1000 h
At 85
C ambient temperature ......................20 Years
Maximum junction temperature ..................................150
C
Supply voltage on VCC relative to VSS .......... –0.5 V to 4.1 V
Voltage applied to outputs
in high Z state ..................................... –0.5 V to VCC + 0.5 V
Input voltage ........................................ –0.5 V to Vcc + 0.5 V
Transient voltage (< 20 ns) on
any pin to ground potential ................. –2.0 V to VCC + 2.0 V
Package power dissipation
capability (TA = 25 °C) ..................................................1.0 W
Surface mount Pb soldering
temperature (3 Seconds) .........................................+260
C
DC output current (1 output at a time, 1s duration) .....15 mA
Static discharge voltage
(per MIL-STD-883, Method 3015) .......................... > 2001 V
Latch up current .................................................... > 200 mA
Operating Range
Range
Ambient Temperature
VCC
Industrial
–40
C to +85 C
2.7 V to 3.6 V
DC Electrical Characteristics
Over the Operating Range
Parameter
Description
Test Conditions
Min
Typ [15]
Max
Unit
VCC
Power supply
2.7
3.0
3.6
V
ICC1
Average VCC current
tRC = 20 ns
tRC = 25 ns
tRC = 45 ns
Values obtained without output loads
(IOUT = 0 mA)
––
70
70
52
mA
mA
mA
ICC2
Average VCC current during
STORE
All inputs don’t care, VCC = Max
Average current for duration tSTORE
––
10
mA
ICC3
Average VCC current at
tRC= 200 ns, VCC(Typ), 25 °C
All inputs cycling at CMOS levels.
Values obtained without output loads
(IOUT = 0 mA).
–35
mA
ICC4
Average VCAP current during
AutoStore cycle
All inputs don’t care. Average current for
duration tSTORE
––5
mA
ISB
VCC standby current
CE > (VCC – 0.2 V).
VIN < 0.2 V or > (VCC – 0.2 V).
Standby current level after non-volatile
cycle is complete.
Inputs are static. f = 0 MHz.
––5
mA
IIX[16]
Input leakage current (except
HSB)
VCC = Max, VSS < VIN < VCC
–1
+1
A
Input leakage current (for HSB)VCC = Max, VSS < VIN < VCC
–100
+1
A
IOZ
Off-state output leakage current VCC = Max, VSS < VOUT < VCC,
CE or OE > VIH or
BHE/BLE > VIH or WE < VIL
–1
+1
A
VIH
Input HIGH voltage
2.0
VCC + 0.5
V
VIL
Input LOW voltage
Vss – 0.5
0.8
V
VOH
Output HIGH voltage
IOUT = –2 mA
2.4
V
VOL
Output LOW voltage
IOUT = 4 mA
0.4
V
Notes
15. Typical values are at 25 °C, VCC = VCC(Typ). Not 100% tested.
16. The HSB pin has IOUT = –2 µA for VOH of 2.4 V when both active HIGH and LOW drivers are disabled. When they are enabled standard VOH and VOL are valid. This
parameter is characterized but not tested.


Similar Part No. - CY14B104NA-ZS20XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104NA-ZS20XIT CYPRESS-CY14B104NA-ZS20XIT Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104NA-ZS20XIT CYPRESS-CY14B104NA-ZS20XIT Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104NA-ZS20XIT CYPRESS-CY14B104NA-ZS20XIT Datasheet
961Kb / 25P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM 20 ns, 25 ns, and 45 ns access times
CY14B104NA-ZS20XIT CYPRESS-CY14B104NA-ZS20XIT Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
More results

Similar Description - CY14B104NA-ZS20XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14V104LA CYPRESS-CY14V104LA Datasheet
910Kb / 22P
   4-Mbit (512 K x 8 / 256 K x 16) nvSRAM 25 ns and 45 ns access times
CY14B108K CYPRESS-CY14B108K_11 Datasheet
1,014Kb / 31P
   8 Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B108K_1106 CYPRESS-CY14B108K_1106 Datasheet
1Mb / 33P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B104LA_1106 CYPRESS-CY14B104LA_1106 Datasheet
961Kb / 25P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM 20 ns, 25 ns, and 45 ns access times
CY14B108L_1106 CYPRESS-CY14B108L_1106 Datasheet
952Kb / 25P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
CG7501AA CYPRESS-CG7501AA Datasheet
498Kb / 20P
   4-Mbit (512 K 횞 8) nvSRAM
CY14B104K CYPRESS-CY14B104K_12 Datasheet
1Mb / 34P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B104K CYPRESS-CY14B104K Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com