Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP27GPZ1 Datasheet(PDF) 6 Page - Analog Devices

Part # OP27GPZ1
Description  Low Noise, Precision Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP27GPZ1 Datasheet(HTML) 6 Page - Analog Devices

Back Button OP27GPZ1 Datasheet HTML 2Page - Analog Devices OP27GPZ1 Datasheet HTML 3Page - Analog Devices OP27GPZ1 Datasheet HTML 4Page - Analog Devices OP27GPZ1 Datasheet HTML 5Page - Analog Devices OP27GPZ1 Datasheet HTML 6Page - Analog Devices OP27GPZ1 Datasheet HTML 7Page - Analog Devices OP27GPZ1 Datasheet HTML 8Page - Analog Devices OP27GPZ1 Datasheet HTML 9Page - Analog Devices OP27GPZ1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
OP27
Rev. F | Page 6 of 20
TYPICAL ELECTRICAL CHARACTERISTICS
VS = ±15 V, TA = 25°C unless otherwise noted.
Table 4.
Parameter
Symbol
Conditions
OP27N Typical
Unit
AVERAGE INPUT OFFSET VOLTAGE DRIFT1
TCVOS or
Nulled or unnulled
0.2
μV/°C
TCVOSn
RP = 8 kΩ to 20 kΩ
AVERAGE INPUT OFFSET CURRENT DRIFT
TCIOS
80
pA/°C
AVERAGE INPUT BIAS CURRENT DRIFT
TCIB
100
pA/°C
INPUT NOISE VOLTAGE DENSITY
en
fO = 10 Hz
3.5
nV/√Hz
en
fO = 30 Hz
3.1
nV/√Hz
en
fO = 1000 Hz
3.0
nV/√Hz
INPUT NOISE CURRENT DENSITY
in
fO = 10 Hz
1.7
pA/√Hz
in
fO = 30 Hz
1.0
pA/√Hz
in
fO = 1000 Hz
0.4
pA/√Hz
INPUT NOISE VOLTAGE SLEW RATE
enp-p
0.1 Hz to 10 Hz
0.08
μV p-p
SR
RL ≥ 2 kΩ
2.8
V/μs
GAIN BANDWIDTH PRODUCT
GBW
8
MHz
1 Input offset voltage measurements are performed by automated test equipment approximately 0.5 seconds after application of power.


Similar Part No. - OP27GPZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP27GPZ1 AD-OP27GPZ1 Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
More results

Similar Description - OP27GPZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
OP27 AD-OP27 Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
OP27 AD-OP27_15 Datasheet
449Kb / 20P
   Low Noise, Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   Noise, Low-Power, Precision Operational Amplifier
logo
Intersil Corporation
HA-5221 INTERSIL-HA-5221_03 Datasheet
657Kb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com