Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP215GS Datasheet(PDF) 1 Page - Analog Devices

Part # OP215GS
Description  Dual Precision JFET-Input Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP215GS Datasheet(HTML) 1 Page - Analog Devices

  OP215GS Datasheet HTML 1Page - Analog Devices OP215GS Datasheet HTML 2Page - Analog Devices OP215GS Datasheet HTML 3Page - Analog Devices OP215GS Datasheet HTML 4Page - Analog Devices OP215GS Datasheet HTML 5Page - Analog Devices OP215GS Datasheet HTML 6Page - Analog Devices OP215GS Datasheet HTML 7Page - Analog Devices OP215GS Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
OP215
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Dual Precision JFET-Input
Operational Amplifier
FEATURES
High Slew Rate: 10 V/ s Min
Fast Settling Time: 0.9
s to 0.1% Type
Low Input Offset Voltage Drift: 10
V/ C Max
Wide Bandwidth: 3.5 MHz Min
Temperature-Compensated Input Bias Currents
Guaranteed Input Bias Current: 18 nA Max (125 C)
Bias Current Specified Warmed Up over Temperature
Low Input Noise Current: 0.01 pA/
÷Hz Type
High Common-Mode Rejection Ratio 86 dB Min
Pin Compatible with Standard Dual Pinouts
Models with MIL-STD-883 Class B Processing Available
GENERAL DESCRIPTION
The OP215 offers the proven JFET-input performance advantages
of high speed and low input bias current with the tracking and
convenience advantages of a dual op amp configuration.
Low input offset voltages, low input currents, and low drift are
featured in these high-speed amplifiers.
On-chip zener-zap trimming is used to achieve low VOS, while a
bias-current compensation scheme gives a low input bias current
V+
NOMINV
INPUT+
V–
J3
J1
Q5
R1
J2
C1
7.4
pF
J4
Q12
–INV
INPUT
Q8
R3
Q6
J5
J11
Q7
NULL
R8
J8 J7
R7
NULL
Q1
Q3
R9
Q11
R4
R5
3.6
k
Q16
Q13
Q15
R6
3.6k
Q14
Q4
Q2
R2
C2
7.4pF
Q10
Q9
J6
Q19
Q17
Q18
Q21
J9
Q20
J10
Q23
R13
Q24
Q22
OUTPUT
R10
Q25
R11
R12
NOTE
R7, R8 ARE ELECTRONICALLY ADJUSTED
ON-CHIP FOR MINIMUM OFFSET VOLTAGE
Figure 1. Simplified Schematic (1/2 OP215)
at elevated temperature. Thus, the OP215 features an input bias
current of 1.4 nA at 70
∞C ambient (not junction) temperature
which greatly extends the application usefulness of this device.
Applications include high-speed amplifiers for current output
DACs, active filters, sample-and-hold buffers, and photocell
amplifiers. For additional precision JFET op amps, see the
OP249 and AD712 data sheets.


Similar Part No. - OP215GS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP215GP AD-OP215GP Datasheet
162Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
REV. A
More results

Similar Description - OP215GS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP215 AD-OP215_15 Datasheet
163Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
OP215 AD-OP215_17 Datasheet
193Kb / 9P
   Dual Precision JFET-Input Operational Amplifier
OP215 AD-OP215 Datasheet
162Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
REV. A
OP-215 AD-OP-215 Datasheet
393Kb / 8P
   DUAL PRECISION JFET-INPUT OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM8502 NJRC-NJM8502 Datasheet
560Kb / 10P
   Precision, Dual, JFET Input Operational Amplifier
NJM8512 NJRC-NJM8512 Datasheet
1Mb / 14P
   Precision, JFET Input Operational Amplifier
NJM8513 NJRC-NJM8513 Datasheet
1Mb / 14P
   Precision, JFET Input Operational Amplifier
logo
Intersil Corporation
HA-5170 INTERSIL-HA-5170 Datasheet
654Kb / 9P
   8MHz, Precision, JFET Input Operational Amplifier
logo
Renesas Technology Corp
HA-5170 RENESAS-HA-5170 Datasheet
662Kb / 9P
   8MHz, Precision, JFET Input Operational Amplifier
November 2004
logo
Intersil Corporation
HA-5170 INTERSIL-HA-5170_00 Datasheet
578Kb / 9P
   8MHz, Precision, JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com