Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXZ1-PD01-0056 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # LXZ1-PD01-0056
Description  Color and White LED Portfolio
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LXZ1-PD01-0056 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button LXZ1-PD01-0056 Datasheet HTML 3Page - List of Unclassifed Manufacturers LXZ1-PD01-0056 Datasheet HTML 4Page - List of Unclassifed Manufacturers LXZ1-PD01-0056 Datasheet HTML 5Page - List of Unclassifed Manufacturers LXZ1-PD01-0056 Datasheet HTML 6Page - List of Unclassifed Manufacturers LXZ1-PD01-0056 Datasheet HTML 7Page - List of Unclassifed Manufacturers LXZ1-PD01-0056 Datasheet HTML 8Page - List of Unclassifed Manufacturers LXZ1-PD01-0056 Datasheet HTML 9Page - List of Unclassifed Manufacturers LXZ1-PD01-0056 Datasheet HTML 10Page - List of Unclassifed Manufacturers LXZ1-PD01-0056 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LUXEON Z Datasheet DS105 20120516
7
Electrical Characteristics at 500 mA for LUXEON Z Colors,
Thermal Pad Temperature = 25ºC
Table 4.
Forward
Typical Temperature
Typical Thermal
Forward Voltage V
f
[1]
Voltage V
f
Coefficient of Forward
Resistance Junction to
Part
@ 500 mA (V)
@ 700 mA
Voltage [2] (mV/°C)
Thermal Pad (°C/W)
Color
Number
Min.
Typ.
Max.
Typ.
DV
f / DTJ
Ru
J-C
Green
LXZ1-PM01
2.50
3.10
3.50
Cyan
LXZ1-PE01
3.50
3.10
3.50
Blue
LXZ1-PB01
3.50
3.00
3.50
Royal-Blue
LXML-PR01
3.50
2.90
3.50
Red
LXZ1-PD01
1.75
2.15
2.75
Deep Red
LXZ1-PA01
1.75
2.15
2.75
Red-Orange
LXZ1-PH01
1.75
2.15
2.75
Amber
LXZ1-PL01
1.75
2.15
2.75
Notes for Table 4:
1. LUXEON Z royal-blue measured between 25°C = Tj = 110°C and If = 700 mA.
2. Measured between 25°C = T
J = 110°C at If = 350 mA.
3. Philips Lumileds maintains a tolerance of ±0.06V on forward voltage measurements.
Electrical Characteristics at 500 mA for LUXEON Z White,
Thermal Pad Temperature = 25ºC
Table 5.
Forward
Typical Temperature
Typical Thermal
Forward Voltage V
f
[1]
Voltage V
f
Coefficient of Forward
Resistance Junction to
Part
@ 500 mA (V)
@ 700 mA
Voltage [2] (mV/°C)
Thermal Pad (°C/W)
White
Number
Min.
Typ.
Max.
Typ.
DV
f / DTJ
Ru
J-C
4000K/70CRI
LXZ1-4070
2.50
2.90
3.50
Electrical Characteristics


Similar Part No. - LXZ1-PD01-0056

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXZ1-PD01 ETC2-LXZ1-PD01 Datasheet
3Mb / 28P
   LUXEON Z Color Protfolio
logo
Lumileds Lighting Compa...
LXZ1-PD01 LUMILEDS-LXZ1-PD01 Datasheet
2Mb / 25P
   High power color LEDs in a micro footprint package for ultimate design flexibility
LXZ1-PD01 LUMILEDS-LXZ1-PD01 Datasheet
1Mb / 2P
   High power color LEDs in a micro footprint package for ultimate design flexibility
More results

Similar Description - LXZ1-PD01-0056

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS68 LUMILEDS-DS68 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
logo
KODENSHI_AUK CORP.
KV3528W86A2I-TQ KODENSHI-KV3528W86A2I-TQ Datasheet
143Kb / 5P
   White Color LED
logo
List of Unclassifed Man...
REBEL-STAR-CW100 ETC2-REBEL-STAR-CW100 Datasheet
1Mb / 26P
   LUXEON짰 Rebel General Purpose White Portfolio
logo
Micro Electronics
MLM-191NW MICRO-ELECTRONICS-MLM-191NW Datasheet
118Kb / 1P
   Visible LED White Color
logo
Everlight Electronics C...
69-23BUMD-TR8 EVERLIGHT-69-23BUMD-TR8 Datasheet
239Kb / 11P
   Luminosity white Color LED
59-146UTD-TR8 EVERLIGHT-59-146UTD-TR8 Datasheet
142Kb / 10P
   Luminosity white Color LED
59-14UWD EVERLIGHT-59-14UWD Datasheet
162Kb / 10P
   Luminosity white Color LED
59-23UWD EVERLIGHT-59-23UWD Datasheet
159Kb / 10P
   Luminosity white Color LED
59-146UWD EVERLIGHT-59-146UWD Datasheet
190Kb / 10P
   Luminosity white Color LED
61-25UTC EVERLIGHT-61-25UTC Datasheet
158Kb / 10P
   Luminosity white Color LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com