Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXZ1-PD01-0056 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LXZ1-PD01-0056
Description  Color and White LED Portfolio
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LXZ1-PD01-0056 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LXZ1-PD01-0056 Datasheet HTML 1Page - List of Unclassifed Manufacturers LXZ1-PD01-0056 Datasheet HTML 2Page - List of Unclassifed Manufacturers LXZ1-PD01-0056 Datasheet HTML 3Page - List of Unclassifed Manufacturers LXZ1-PD01-0056 Datasheet HTML 4Page - List of Unclassifed Manufacturers LXZ1-PD01-0056 Datasheet HTML 5Page - List of Unclassifed Manufacturers LXZ1-PD01-0056 Datasheet HTML 6Page - List of Unclassifed Manufacturers LXZ1-PD01-0056 Datasheet HTML 7Page - List of Unclassifed Manufacturers LXZ1-PD01-0056 Datasheet HTML 8Page - List of Unclassifed Manufacturers LXZ1-PD01-0056 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LUXEON® Z
Color and White
LED Portfolio
Illuminating
your creativity
Technical Datasheet DS105
Introduction
LUXEON® Z is a broad portfolio of Color and White LEDs that enable never before seen lumen
density, flexibility and freedom of design. Available in the full spectrum of colors from 440nm to
670nm and select white color temperatures, LUXEON Z is ideal for entertainment/stage lighting,
indoor and outdoor architectural lighting, emergency vehicle lighting, remote phosphor applications
and a wide spectrum of specialty lighting applications.
Features
• 2.2 mm2 micro footprint
• Un-encapsulated
• Tested and Binned at 500 mA
• Up to 1A max drive current
• Up to 150C max Tj
Benefits
• Industry’s leading Lm/mm2 for high flux density solution
• Highest degree of design flexibility
• Superior color mixing and beam control through choice of optics
• Enables customizable light sources: linear, rectangular, circular.
Color and White LED Portfolio


Similar Part No. - LXZ1-PD01-0056

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXZ1-PD01 ETC2-LXZ1-PD01 Datasheet
3Mb / 28P
   LUXEON Z Color Protfolio
logo
Lumileds Lighting Compa...
LXZ1-PD01 LUMILEDS-LXZ1-PD01 Datasheet
2Mb / 25P
   High power color LEDs in a micro footprint package for ultimate design flexibility
LXZ1-PD01 LUMILEDS-LXZ1-PD01 Datasheet
1Mb / 2P
   High power color LEDs in a micro footprint package for ultimate design flexibility
More results

Similar Description - LXZ1-PD01-0056

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS68 LUMILEDS-DS68 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
logo
KODENSHI_AUK CORP.
KV3528W86A2I-TQ KODENSHI-KV3528W86A2I-TQ Datasheet
143Kb / 5P
   White Color LED
logo
List of Unclassifed Man...
REBEL-STAR-CW100 ETC2-REBEL-STAR-CW100 Datasheet
1Mb / 26P
   LUXEON짰 Rebel General Purpose White Portfolio
logo
Micro Electronics
MLM-191NW MICRO-ELECTRONICS-MLM-191NW Datasheet
118Kb / 1P
   Visible LED White Color
logo
Everlight Electronics C...
69-23BUMD-TR8 EVERLIGHT-69-23BUMD-TR8 Datasheet
239Kb / 11P
   Luminosity white Color LED
59-146UTD-TR8 EVERLIGHT-59-146UTD-TR8 Datasheet
142Kb / 10P
   Luminosity white Color LED
59-14UWD EVERLIGHT-59-14UWD Datasheet
162Kb / 10P
   Luminosity white Color LED
59-23UWD EVERLIGHT-59-23UWD Datasheet
159Kb / 10P
   Luminosity white Color LED
59-146UWD EVERLIGHT-59-146UWD Datasheet
190Kb / 10P
   Luminosity white Color LED
61-25UTC EVERLIGHT-61-25UTC Datasheet
158Kb / 10P
   Luminosity white Color LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com