Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV-819-2 Datasheet(PDF) 11 Page - Lite-On Technology Corporation

Part # LTV-819-2
Description  Property of Lite-On Only
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV-819-2 Datasheet(HTML) 11 Page - Lite-On Technology Corporation

Back Button LTV-819-2 Datasheet HTML 5Page - Lite-On Technology Corporation LTV-819-2 Datasheet HTML 6Page - Lite-On Technology Corporation LTV-819-2 Datasheet HTML 7Page - Lite-On Technology Corporation LTV-819-2 Datasheet HTML 8Page - Lite-On Technology Corporation LTV-819-2 Datasheet HTML 9Page - Lite-On Technology Corporation LTV-819-2 Datasheet HTML 10Page - Lite-On Technology Corporation LTV-819-2 Datasheet HTML 11Page - Lite-On Technology Corporation LTV-819-2 Datasheet HTML 12Page - Lite-On Technology Corporation LTV-819-2 Datasheet HTML 13Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
CHARACTERISTICS CURVES
Fig.1 Forword Current
Fig.2 Collector Power Dissiption
vs. Ambient Temperature
Fig.4 Forward Current vs. Forward
Fig.5 Current Transfer Ratio vs.
Forward Current
Fig.6 Collector Current vs.
Collector-emitter Voltage
F
F
CE
0
-25
Ta= 75 C
50 C
25 C
0 C
-25 C
V
= 5V
Ta= 25 C
CE
Ta= 25 C
I = 30mA
Pc(MAX.)
5mA
F
10mA
20mA
vs. Ambient Temperatute
Collector-emitter voltage V
(V)
Forward voltage V (V)
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
Forward current I (mA)
Fig.3 Collector-emitter Saturation
Voltage vs. Forward Current
F
Ta= 25 C
Forward current I (mA)
Voltage
o
o
o
O
o
o
o
o
o
o
0
25
50
75
100
125
10
20
30
40
50
60
0
50
100
150
200
0
1
0
0
15
1
2
3
4
5
6
0.5
1.0
1.5
2.0
2.5
3.0
2
5
10
20
50
100
200
500
0
1
0
0
2
5
10
20
50
20
40
60
80
100
120
140
160
180
200
1
234
567
8
9
10
20
30
10
5
5
15
25
-25
0
50
25
75
100
125
Part No. : LTV-819-1 / 819-2 / 829 / 849 (M, S, S-TA1)
Page : 11 of 13
BNS-OD-C131/A4


Similar Part No. - LTV-819-2

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-819-2 LITEON-LTV-819-2 Datasheet
717Kb / 5P
   High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-819-2 TENAND-LTV-819-2 Datasheet
819Kb / 5P
   High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-819-2M LITEON-LTV-819-2M Datasheet
717Kb / 5P
   High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-819-2M TENAND-LTV-819-2M Datasheet
819Kb / 5P
   High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-819-2S LITEON-LTV-819-2S Datasheet
717Kb / 5P
   High Density Mounting Type Photocoupler
More results

Similar Description - LTV-819-2

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com