Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV-816 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTV-816
Description  Property of Lite-On Only
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV-816 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTV-816 Datasheet HTML 1Page - Lite-On Technology Corporation LTV-816 Datasheet HTML 2Page - Lite-On Technology Corporation LTV-816 Datasheet HTML 3Page - Lite-On Technology Corporation LTV-816 Datasheet HTML 4Page - Lite-On Technology Corporation LTV-816 Datasheet HTML 5Page - Lite-On Technology Corporation LTV-816 Datasheet HTML 6Page - Lite-On Technology Corporation LTV-816 Datasheet HTML 7Page - Lite-On Technology Corporation LTV-816 Datasheet HTML 8Page - Lite-On Technology Corporation LTV-816 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
FEATURES
* Current transfer ratio
( CTR : MIN. 50% at IF = 5mA, VCE = 5V )
* High input-output isolation voltage
( Viso = 5,000Vrms )
* Response time
( tr : TYP. 4
µs at VCE = 2V, IC = 2mA, RL = 100Ω )
* Dual-in-line package :
LTV-816 : 1-channel type
LTV-826 : 2-channel type
LTV-846 : 4-channel type
* Wide lead spacing package :
LTV-816M : 1-channel type
LTV-826M : 2-channel type
LTV-846M : 4-channel type
* Surface mounting package :
LTV-816S : 1-channel type
LTV-826S : 2-channel type
LTV-846S : 4-channel type
* Tape and reel packaging :
LTV-816S-TA1, LTV-826S-TA1
* UL approved ( No. E113898 )
* CSA approved ( No. CA91533-1 )
* FIMKO approved ( No. 202944 )
* NEMKO approved ( No. P98101732 )
* DEMKO approved ( No. 307926 )
* SEMKO approved ( No. 9833163 / 01-30 )
* VDE approved ( No. 094722 )
Part No. : LTV-816 / 826 / 846 (M, S, S-TA1)
Page :
1 of 13
BNS-OD-C131/A4


Similar Part No. - LTV-816

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-816 LITEON-LTV-816 Datasheet
426Kb / 13P
   CURRENT TRANSFER RATIO
logo
Shenzhen Tenand Technol...
LTV-816 TENAND-LTV-816 Datasheet
460Kb / 13P
   Property of Lite-On Only
logo
Lite-On Technology Corp...
LTV-816 LITEON-LTV-816 Datasheet
1Mb / 18P
   Photocoupler Product Data Sheet
LTV-816-AT LITEON-LTV-816-AT Datasheet
271Kb / 10P
   Property of Lite-On Only
LTV-816-BT LITEON-LTV-816-BT Datasheet
271Kb / 10P
   Property of Lite-On Only
More results

Similar Description - LTV-816

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com