Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q6004D4 Datasheet(PDF) 1 Page - Littelfuse

Part # Q6004D4
Description  4 Amp Sensitive & Standard Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q6004D4 Datasheet(HTML) 1 Page - Littelfuse

  Q6004D4 Datasheet HTML 1Page - Littelfuse Q6004D4 Datasheet HTML 2Page - Littelfuse Q6004D4 Datasheet HTML 3Page - Littelfuse Q6004D4 Datasheet HTML 4Page - Littelfuse Q6004D4 Datasheet HTML 5Page - Littelfuse Q6004D4 Datasheet HTML 6Page - Littelfuse Q6004D4 Datasheet HTML 7Page - Littelfuse Q6004D4 Datasheet HTML 8Page - Littelfuse Q6004D4 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
51
Revised: June 24, 2011 04:57 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
4 Amp Sensitive & Standard Triacs
Lxx04xx & Qxx04xx Series
Lxx04xx & Qxx04xx Series
Description
Main Features
4 Amp bi-directional solid state switch series is designed
for AC switching and phase control applications such as
motor speed and temperature modulation controls, lighting
controls, and static switching relays.
Sensitive type devices guarantee gate control in Quadrants
I & IV needed for digital control circuitry.
Standard type devices normally operate in Quadrants I & III
triggered from AC line.
Symbol
Value
Unit
I
T(RMS)
4
A
V
DRM/VRRM
400 to 1000
V
I
GT (Q1)
3 to 25
mA
Absolute Maximum Ratings — Sensitive Triacs (4 Quadrants)
Symbol
Parameter
Value
Unit
I
T(RMS)
RMS on-state current
(full sine wave)
Lxx04Ly / Lxx04Dy
T
C = 85°C
4
A
Lxx04Ry / Lxx04Vy
T
C = 75°C
I
TSM
Non repetitive surge peak on-state current
(full cycle, T
J initial = 25°C)
f = 50 Hz
t = 20 ms
33
A
f = 60 Hz
t = 16.7 ms
40
I2t
I2t Value for fusing
t
p = 8.3 ms
6.6
A2s
di/dt
Critical rate of rise of on-state current
(I
G = 50mA with ≤ 0.1μs rise time)
f = 120 Hz
T
J = 110°C
50
A/μs
I
GTM
Peak gate trigger current
t
p ≤ 10 μs
T
J = 110°C
1.2
A
P
G(AV)
Average gate power dissipation
T
J = 110°C
0.3
W
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 110
°C
Note: xx = voltage, y = sensitivity
Schematic Symbol
MT2
MT1
G
Applications
Typical applications are AC solid-state switches, power
tools, home/brown goods and white goods appliances.
Sensitive gate Triacs can be directly driven by
microprocessor or popular opto-couplers/isolators.
Internally constructed isolated packages are offered for
ease of heat sinking with highest isolation voltage.
Features & Benefits
• RoHS Compliant
• Glass – passivated
junctions
• Voltage capability up to
1000 V
• Surge capability up to
55 A
• Electrically isolated
“L-Package” is UL
recognized for 2500Vrms
• Solid-state switching
eliminates arcing or
contact bounce that
create voltage transients
• No contacts to wear out
from reaction of switching
events
• Restricted (or limited) RFI
generation, depending on
activation point of
sine wave
• Requires only a small gate
activation pulse in each
half-cycle
Agency Approval
Agency
Agency File Number
®
L Package : E71639
®


Similar Part No. - Q6004D4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q6004D4 LITTELFUSE-Q6004D4 Datasheet
230Kb / 10P
   Triacs (0.8 A to 35 A)
logo
New Jersey Semi-Conduct...
Q6004D4 NJSEMI-Q6004D4 Datasheet
511Kb / 5P
   RoHS Compliant
More results

Similar Description - Q6004D4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LXX04XX LITTELFUSE-LXX04XX Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
L4004L3TP LITTELFUSE-L4004L3TP Datasheet
905Kb / 10P
   Teccor짰 brand Thyristors 4 Amp Sensitive & Standard Triacs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
E71639 LITTELFUSE-E71639 Datasheet
999Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
logo
Guangdong Kexin Industr...
KTA1A60-89 KEXIN-KTA1A60-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Tiger Electronic Co.,Lt...
KTA1A60 TGS-KTA1A60 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Littelfuse
LJ6008D8RP LITTELFUSE-LJ6008D8RP Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
logo
Guangdong Kexin Industr...
KTA1A60-HF-89 KEXIN-KTA1A60-HF-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com