Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV-816BS-TA1 Datasheet(PDF) 11 Page - Lite-On Technology Corporation

Part # LTV-816BS-TA1
Description  Property of Lite-On Only
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV-816BS-TA1 Datasheet(HTML) 11 Page - Lite-On Technology Corporation

Back Button LTV-816BS-TA1 Datasheet HTML 7Page - Lite-On Technology Corporation LTV-816BS-TA1 Datasheet HTML 8Page - Lite-On Technology Corporation LTV-816BS-TA1 Datasheet HTML 9Page - Lite-On Technology Corporation LTV-816BS-TA1 Datasheet HTML 10Page - Lite-On Technology Corporation LTV-816BS-TA1 Datasheet HTML 11Page - Lite-On Technology Corporation LTV-816BS-TA1 Datasheet HTML 12Page - Lite-On Technology Corporation LTV-816BS-TA1 Datasheet HTML 13Page - Lite-On Technology Corporation LTV-816BS-TA1 Datasheet HTML 14Page - Lite-On Technology Corporation LTV-816BS-TA1 Datasheet HTML 15Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
L I T E - O N T E C H N O L O G Y C O R P O R A T I O N
Property of LITE-ON Only
RANK TABLE OF CURRENT TRANSFER RATIO CTR
MODEL NO.
RANK MARK
CTR ( % )
LTV-816
L
50 ~ 100
LTV-816
A
80 ~ 160
LTV-816
B
130 ~ 260
LTV-816
C
200 ~ 400
LTV-816
D
300 ~ 600
LTV-816
L or A or B or C or D
50 ~ 600
LTV-8※6
B
130 ~ 260
LTV-8※6
B or C or BC
130 ~ 400
LTV-8※6
C
200 ~ 400
LTV-8※6
C or D or CD
200 ~ 600
LTV-8※6
B、BC、C、CD or No mark
50 ~ 600
※ = 2 or 4
CONDITIONS
IF = 5 mA
VCE = 5 V
Ta = 25
°C
Part No. :
LTV-816/ 826/ 846 (M, S, S-TA, S-TA1, S-TP) Series
Page : 11
of 16
BNS-OD-C131/A4


Similar Part No. - LTV-816BS-TA1

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-816 LITEON-LTV-816 Datasheet
426Kb / 13P
   CURRENT TRANSFER RATIO
logo
Shenzhen Tenand Technol...
LTV-816 TENAND-LTV-816 Datasheet
460Kb / 13P
   Property of Lite-On Only
logo
Lite-On Technology Corp...
LTV-816 LITEON-LTV-816 Datasheet
366Kb / 13P
   Property of Lite-On Only
LTV-816 LITEON-LTV-816 Datasheet
1Mb / 18P
   Photocoupler Product Data Sheet
LTV-816-AT LITEON-LTV-816-AT Datasheet
271Kb / 10P
   Property of Lite-On Only
More results

Similar Description - LTV-816BS-TA1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com