Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-C194KSKT-5A Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTST-C194KSKT-5A
Description  Top View Chip LED (0603/0.3T) 1.60(L) x 0.8(W) x 0.3(H)mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-C194KSKT-5A Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTST-C194KSKT-5A Datasheet HTML 1Page - Lite-On Technology Corporation LTST-C194KSKT-5A Datasheet HTML 2Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
Lite-On:
LTST-C194KFKT LTST-C194KGKT LTST-C194KRKT LTST-C194KSKT


Similar Part No. - LTST-C194KSKT-5A

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C194KSKT LITEON-LTST-C194KSKT Datasheet
614Kb / 11P
   Meet ROHS, Green Product Extra thin 0.30H mm Chip LED Extra bright A1InGaP Chip LED
More results

Similar Description - LTST-C194KSKT-5A

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-C171DS5 EHAOAN-EH-C171DS5 Datasheet
1Mb / 10P
   Dimension( L/W/H) : 2.0 x 1.2 x 0.8 mm
EH-C191TGKT-5A EHAOAN-EH-C191TGKT-5A Datasheet
1Mb / 7P
   Dimension( L/W/H) : 1.6 x 0.8 x 0.58 mm
EH-C151KFKT EHAOAN-EH-C151KFKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 3.2 x 1.6 x 0.8 mm
EH-C151KSKT EHAOAN-EH-C151KSKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 3.2 x 1.6 x 0.8 mm
EH-C191NW EHAOAN-EH-C191NW Datasheet
2Mb / 8P
   Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C191PW EHAOAN-EH-C191PW Datasheet
1Mb / 8P
   ·Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C151UBKT EHAOAN-EH-C151UBKT Datasheet
1Mb / 8P
   Dimension( L/W/H) : 3.2 x 1.6 x 0.8 mm
EH-C171KRKT EHAOAN-EH-C171KRKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 2.0 x 1.2 x 0.8 mm
EH-C191KPKT-T6 EHAOAN-EH-C191KPKT-T6 Datasheet
1Mb / 6P
   Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C151KGKT EHAOAN-EH-C151KGKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 3.2 x 1.6 x 0.8 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com