Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM158D70A105KA01D Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # GRM158D70A105KA01D
Description  CHIP MONOLITHIC CERAMIC CAPACITOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM158D70A105KA01D Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  GRM158D70A105KA01D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM158D70A105KA01D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM158D70A105KA01D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM158D70A105KA01D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM158D70A105KA01D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM158D70A105KA01D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM158D70A105KA01D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FM7500U-092-MAY09
muRata GRM Hi-Cap 2009_3
All information is subject to change without notice, is not warranted in any fashion.
GRM series / Hi
GRM series / Hi--Cap (1uF and over)
Cap (1uF and over)
CHIP MONOLITHIC CERAMIC CAPACITOR
Murata P/N List <X6S (X6T)>
1) “*” of under development P/N have not fixed yet.
2) Q1 = January to March, Q2 = April to June, Q3 = July to September, Q4 = October to December
3) This is muRata’s development schedule, which may change due to progress of each development works.
4) Above individual specification code and packaging code were decided with muRata standard specification,
and it may change due to the special requirement by customer’s drawing.
5) Sample marked “-” in Sample column are built upon your request. Lead time will be around 4wks
(might be extended depending on production schedule). Please contact Murata Sales or Product Engineer directly.
Cap
Size
Chip T (mm)
TC
WV
Cap Tol
Murata Global P/N
Sample
M.P.
0.5+/-0.05
X6S
4
+/-10%
GRM155C80G105KE19D
Available
Mass Production
0603
0.8+/-0.1
X6S
50
+/-10%
GRM188C81H105K****
09Q3
09Q4
0805
0.85+/-0.1
X6S
50
+/-10%
GRM219C81H105K****
09Q3
09Q4
0402
0.5+/-0.05
X6S
2.5
+/-20%
GRM155C80E225ME15D
Available
Mass Production
0603
0.8+/-0.1
X6S
16
+/-10%
GRM188C81C225K****
09Q2
09Q3
0.8+/-0.1
X6S
10
+/-10%
GRM188C81A225KE34D
Available
Mass Production
0.8+/-0.1
X6S
6.3
+/-10%
GRM188C80J225KE19D
Available
Mass Production
0603
0.8+/-0.1
X6S
4
+/-10%
GRM188C80G475KE19D
Available
Mass Production
1.25+/-0.1
X6S
25
+/-10%
GRM21BC81E475KA12L
Available
Mass Production
0.85+/-0.1
X6S
16
+/-10%
GRM219C81C475K****
09Q2
09Q3
1.25+/-0.1
X6S
16
+/-10%
GRM21BC81C475KA88L
Available
Mass Production
0.85+/-0.1
X6S
10
+/-10%
GRM219C81A475KE34D
Available
Mass Production
1.25+/-0.15
X6S
16
+/-10%
GRM21BC81C106K****
09Q2
09Q3
1.25+/-0.1
X6S
6.3
+/-10%
GRM21BC80J106KE19L
Available
Mass Production
0.85+/-0.1
X6S
4
+/-10%
GRM219C80G106KE19D
Available
Mass Production
1.6+/-0.2
X6S
35
+/-10%
GRM31CC8YA106K****
09Q2
09Q3
1.6+/-0.2
X6S
25
+/-10%
GRM31CC81E106KE15L
Available
Mass Production
0.85+/-0.1
X6S
16
+/-10%
GRM319C81C106K****
09Q2
09Q3
0805
1.25+/-0.15
X6S
4
+/-20%
GRM21BC80G226ME39L
Available
Mass Production
1.6+/-0.2
X6S
16
+/-10%
GRM31CC81C226M****
09Q2
09Q3
1.6+/-0.2
X6S
10
+/-20%(+/ -10%)
GRM31CC81A226M (K) E19L
Available
Mass Production
1.6+/-0.2
X6S
6.3
+/-20%(+/ -10%)
GRM31CC80J226M (K) E19L
Available
Mass Production
1.6+/-0.2
X6S
4
+/-20%(+/ -10%)
GRM31CC80G226M (K) E19L
Available
Mass Production
1210
2.5+/-0.2
X6S
25
+/-20%(+/ -10%)
GRM32EC81E226M (K) E15L
Available
Mass Production
1206
1.6+/-0.2
X6S
4
+/-20%
GRM31CC80G476ME19L
Available
Mass Production
2.5+/-0.2
X6S
10
+/-20%(+/ -10%)
GRM32EC81A476M (K) E19L
Available
Mass Production
2.5+/-0.2
X6S
6.3
+/-20%(+/ -10%)
GRM32EC80J476M (K) E64L
Available
Mass Production
1206
1.6+/-0.3
X6T
4
+/-20%
GRM31CD80G107ME39L
Available
Mass Production
1210
2.5+/-0.2
X6S
6.3
+/-20%
GRM32EC80J107ME20L
Available
Mass Production
100uF
47uF
1210
4.7uF
0805
1206
0805
22uF
1206
10uF
2.2uF
0603
0402
1uF
Page.5


Similar Part No. - GRM158D70A105KA01D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
GRM158R60J226ME01D ONSEMI-GRM158R60J226ME01D Datasheet
1Mb / 31P
   Buck Regulator 3A, Constant On Time (COT)
June, 2023 - Rev. 0
More results

Similar Description - GRM158D70A105KA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0222C1H4R5BA03 MURATA-GRM0222C1H4R5BA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R8WA03 MURATA-GRM0222C1H4R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H5R1DA03 MURATA-GRM0222C1H5R1DA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H5R2DA03 MURATA-GRM0222C1H5R2DA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R1BA03 MURATA-GRM0222C1H4R1BA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R8CA03 MURATA-GRM0222C1H4R8CA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GNM314R71H104MA11 MURATA-GNM314R71H104MA11 Datasheet
605Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM2145C1H470KD01 MURATA-GNM2145C1H470KD01 Datasheet
605Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM1M25C1H220KD01 MURATA-GNM1M25C1H220KD01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GRM0222C1H4R1WA03 MURATA-GRM0222C1H4R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R3CA03 MURATA-GRM0222C1H4R3CA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com