Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMH2A Datasheet(PDF) 1 Page - Rohm

Part # IMH2A
Description  NPN 100mA 50V Complex Digital Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMH2A Datasheet(HTML) 1 Page - Rohm

  IMH2A Datasheet HTML 1Page - Rohm IMH2A Datasheet HTML 2Page - Rohm IMH2A Datasheet HTML 3Page - Rohm IMH2A Datasheet HTML 4Page - Rohm IMH2A Datasheet HTML 5Page - Rohm IMH2A Datasheet HTML 6Page - Rohm IMH2A Datasheet HTML 7Page - Rohm IMH2A Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
EMH2 / UMH2N / IMH2A
NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
lOutline
lFeatures
1) Built-In Biasing Resistors, R1 = R2 = 47kW.
2) Two DTC144E chips in one package.
3) Built-in bias resistors enable the configuration of
an inverter circuit without connecting external
input resistors (see inner circuit).
4) The bias resistors consist of thin-film resistors
with complete isolation to allow negative biasing
lInner circuit
of the input. They also have the advantage of
completely eliminating parasitic effects.
5) Only the on/off conditions need to be set for
operation, making the circuit design easy.
6) Lead Free/RoHS Compliant.
lApplication
Inverter circuit, Interface circuit, Driver circuit
lPackaging specifications
R1
47k
W
R2
47k
W
Parameter
Tr1 and Tr2
VCC
50V
IC(MAX.)
100mA
Part No.
Package
Package
size
(mm)
Taping
code
8,000
H2
8
Tape width
(mm)
Basic
ordering
unit (pcs)
Marking
Reel size
(mm)
EMH2
EMT6
1616
T2R
180
3,000
H2
IMH2A
3,000
H2
UMH2N
UMT6
2021
TR
180
8
SMT6
2928
T108
180
8
EMT6
UMT6
SMT6
EMH2
(SC-107C)
IMH2A
SOT-457 (SC-74)
UMH2N
SOT-353 (SC-88)
OUT
(6)
(2)
IN
(1)
GND
(3)
OUT
IN
(5)
GND
(4)
OUT
(4)
(2)
IN
(3)
GND
(1)
OUT
IN
(5)
GND
(6)
EMH2 / UMH2N
IMH2A
(6)
(5)
(4)
(1)
(2)
(3)
(4)
(5)
(6)
(3)
(2)
(1)
(6)
(5)
(4)
(1)
(2)
(3)
1/7
2012.06 - Rev.C


Similar Part No. - IMH2A

ManufacturerPart #DatasheetDescription
logo
Rohm
IMH2A ROHM-IMH2A Datasheet
64Kb / 3P
   General purpose (dual digital transistors)
IMH2A ROHM-IMH2A Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
IMH2A ROHM-IMH2A Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
IMH2A ROHM-IMH2A Datasheet
1Mb / 11P
   General purpose (dual digital transistors)
logo
Guangdong Kexin Industr...
IMH2A KEXIN-IMH2A Datasheet
162Kb / 2P
   General purpose
More results

Similar Description - IMH2A

ManufacturerPart #DatasheetDescription
logo
Rohm
UMH9NTN ROHM-UMH9NTN Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors
UMG5NTR ROHM-UMG5NTR Datasheet
420Kb / 7P
   NPN 100mA 50V Complex Digital Transistors
EMH25 ROHM-EMH25_12 Datasheet
432Kb / 7P
   NPN 100mA 50V Complex Digital Transistors
EMG8T2R ROHM-EMG8T2R Datasheet
435Kb / 7P
   NPN 100mA 50V Complex Digital Transistors
UMG4NTR ROHM-UMG4NTR Datasheet
424Kb / 7P
   NPN 100mA 50V Complex Digital Transistors
UMB10NTN ROHM-UMB10NTN Datasheet
486Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
UMB2NTN ROHM-UMB2NTN Datasheet
471Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
UMB4NTN ROHM-UMB4NTN Datasheet
447Kb / 7P
   PNP -100mA -50V Complex Digital Transistors
UMB11NTN ROHM-UMB11NTN Datasheet
486Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
IMB10AFRA ROHM-IMB10AFRA Datasheet
1Mb / 10P
   PNP -100mA -50V Complex Digital Transistors
2012.06 - Rev.D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com