Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1000E4C-66R Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # CM1000E4C-66R
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM1000E4C-66R Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  CM1000E4C-66R Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM1000E4C-66R Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM1000E4C-66R Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM1000E4C-66R Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM1000E4C-66R Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM1000E4C-66R Datasheet HTML 6Page - Mitsubishi Electric Semiconductor CM1000E4C-66R Datasheet HTML 7Page - Mitsubishi Electric Semiconductor CM1000E4C-66R Datasheet HTML 8Page - Mitsubishi Electric Semiconductor CM1000E4C-66R Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
< HVIGBT MODULES >
CM1000E4C-66R
HIGH POWER SWITCHING USE
INSULATED TYPE
4th-Version HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
December 2012 (HVM-1055-F)
6
PERFORMANCE CURVES
HALF-BRIDGE SWITCHING ENERGY
CHARACTERISTICS (TYPICAL)
0
1
2
3
4
5
6
7
0
5
10
15
20
Gate resistor [Ohm]
Erec
VCC = 180 0V, IC = 10 00A
VGE = ±15 V, LS = 150nH
Tj = 12 5°C, Indu ctive load
Eon
Eoff
HALF-BRIDGE SWITCHING TIME
CHARACTERISTICS (TYPICAL)
0.01
0.1
1
10
100
100
1000
10000
Collector Current [A]
tf
VCC = 1800V, VGE = ±15V
RG(on) = 2.4Ω, RG(off) = 8.4Ω
L S = 150nH, Tj = 125°C
Inductive load
tr
td (on)
td(o ff)
HALF-BRIDGE SWITCHING ENERGY
CHARACTERISTICS (TYPICAL)
0
1
2
3
4
5
6
7
05
10
15
20
Gate resistor [Ohm]
Ere c
VCC = 180 0V, IC = 10 00A
VGE = ±15 V, LS = 150nH
Tj = 15 0°C, Indu ctive load
Eon
Eo ff
HALF-BRIDGE SWITCHING TIME
CHARACTERISTICS (TYPICAL)
0.01
0.1
1
10
100
100
1000
10000
Collector Current [A]
tf
VCC = 1800V, VGE = ±15V
RG(on) = 2.4Ω, RG(off) = 8.4Ω
L S = 150nH, Tj = 150°C
Inductive load
tr
td(o n)
td(o ff)


Similar Part No. - CM1000E4C-66R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM1000E4C-66R MITSUBISHI-CM1000E4C-66R Datasheet
116Kb / 8P
   HVIGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM1000E4C-66R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com