Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM47085B31H102KA01K Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # GRM47085B31H102KA01K
Description  Chip Monolithic Ceramic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM47085B31H102KA01K Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  GRM47085B31H102KA01K Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM47085B31H102KA01K Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM47085B31H102KA01K Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM47085B31H102KA01K Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM47085B31H102KA01K Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
!0Packaging
Code
L
D
K
J
E
F
B
C
T
ø178mm Plastic Taping
ø178mm Paper Taping
ø330mm Plastic Taping
ø330mm Paper Taping
ø178mm Special Packaging
ø330mm Special Packaging
Bulk
Bulk Case
Bulk Tray
Packaging
Continued from the preceding page.


Similar Part No. - GRM47085B31H102KA01K

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
GRM4 SCHURTER-GRM4 Datasheet
698Kb / 4P
   mounting, line switch, fuseh. 5x20 mm with/without voltage sel
GRM4 SCHURTER-GRM4 Datasheet
608Kb / 10P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-or 2-pole, optional Voltage Selector (Series-Parallel), "Lock and Shield" Mounting
20.08.2020
GRM4.4102.013 SCHURTER-GRM4.4102.013 Datasheet
698Kb / 4P
   mounting, line switch, fuseh. 5x20 mm with/without voltage sel
GRM4.4102.123 SCHURTER-GRM4.4102.123 Datasheet
698Kb / 4P
   mounting, line switch, fuseh. 5x20 mm with/without voltage sel
GRM4.4122.013 SCHURTER-GRM4.4122.013 Datasheet
698Kb / 4P
   mounting, line switch, fuseh. 5x20 mm with/without voltage sel
More results

Similar Description - GRM47085B31H102KA01K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com