Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCA55T Datasheet(PDF) 5 Page - PEAK electronics GmbH

Part # DCA55T
Description  PEAK ATLAS DCA SEMICONDUCTOR COMPONENT ANALYSER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

DCA55T Datasheet(HTML) 5 Page - PEAK electronics GmbH

  DCA55T Datasheet HTML 1Page - PEAK electronics GmbH DCA55T Datasheet HTML 2Page - PEAK electronics GmbH DCA55T Datasheet HTML 3Page - PEAK electronics GmbH DCA55T Datasheet HTML 4Page - PEAK electronics GmbH DCA55T Datasheet HTML 5Page - PEAK electronics GmbH DCA55T Datasheet HTML 6Page - PEAK electronics GmbH DCA55T Datasheet HTML 7Page - PEAK electronics GmbH DCA55T Datasheet HTML 8Page - PEAK electronics GmbH DCA55T Datasheet HTML 9Page - PEAK electronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Atlas DCA User Guide
October 2007 – Rev 7
Page 5
Analysing Components
The Atlas DCA is designed to analyse discrete,
unconnected, unpowered components. This
ensures that external connections don’t influence
the measured parameters. The three test probes can be
connected to the component any way round. If the component has
only two terminals, then any pair of the three test probes can be used.
Peak Atlas DCA
is analysing....
The Atlas DCA will start component
analysis when the on-test button is
pressed.
Depending on the component type, analysis may take a few seconds to
complete, after which, the results of the analysis are displayed. Information is
displayed a “page” at a time, each page can be displayed by briefly pressing the
scroll-off button.
The arrow symbol on the display indicates that more pages are available
to be viewed.
Although the Atlas DCA will switch itself off if left unattended, you
can manually switch the unit off by holding down the scroll-off
button for a couple of seconds.


Similar Part No. - DCA55T

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DCA5-20PC-1-DC1-RL-C MURATA-DCA5-20PC-1-DC1-RL-C Datasheet
558Kb / 6P
   50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
DCA520PC MURATA-DCA520PC Datasheet
558Kb / 6P
   50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
More results

Similar Description - DCA55T

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
SCR100 PEAK-SCR100 Datasheet
187Kb / 2P
   Atlas SCR - Triac and Thyristor Analyser (Model SCR100)
logo
Kingtronics Internation...
E347214 KINGTRONICS-E347214 Datasheet
39Kb / 2P
   Electrically Isolated Semiconductor Devices - Component
logo
Weidmuller
2425500000 WEIDMULLER-2425500000 Datasheet
798Kb / 5P
   ENERGY ANALYSER 550
2489780000 WEIDMULLER-2489780000 Datasheet
534Kb / 5P
   ENERGY ANALYSER D550-24
logo
AAEON Technology
PFM-530I AAEON-PFM-530I Datasheet
679Kb / 1P
   Onboard STPC짰 Atlas SoC
logo
Weidmuller
2425510000 WEIDMULLER-2425510000 Datasheet
547Kb / 5P
   ENERGY ANALYSER D550
2602580000 WEIDMULLER-2602580000 Datasheet
380Kb / 4P
   ENERGY ANALYSER 550-24
2534160000 WEIDMULLER-2534160000 Datasheet
774Kb / 5P
   ENERGY ANALYSER 750-24
2534130000 WEIDMULLER-2534130000 Datasheet
775Kb / 5P
   ENERGY ANALYSER 750-230
logo
AAEON Technology
HSB-440I AAEON-HSB-440I Datasheet
734Kb / 2P
   Onboard STPC짰 Atlas System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com