Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCA55T Datasheet(PDF) 10 Page - PEAK electronics GmbH

Part # DCA55T
Description  PEAK ATLAS DCA SEMICONDUCTOR COMPONENT ANALYSER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

DCA55T Datasheet(HTML) 10 Page - PEAK electronics GmbH

Back Button DCA55T Datasheet HTML 6Page - PEAK electronics GmbH DCA55T Datasheet HTML 7Page - PEAK electronics GmbH DCA55T Datasheet HTML 8Page - PEAK electronics GmbH DCA55T Datasheet HTML 9Page - PEAK electronics GmbH DCA55T Datasheet HTML 10Page - PEAK electronics GmbH DCA55T Datasheet HTML 11Page - PEAK electronics GmbH DCA55T Datasheet HTML 12Page - PEAK electronics GmbH DCA55T Datasheet HTML 13Page - PEAK electronics GmbH DCA55T Datasheet HTML 14Page - PEAK electronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Atlas DCA User Guide
October 2007 – Rev 7
Page 10
Bicolour LEDs
Bicolour LEDs are automatically identified. If your LED has 3
leads then ensure they are all connected, in any order.
A two terminal bicolour LED consists of two LED chips which
are connected in inverse parallel within the LED body. Three terminal bicolour
LEDs are made with either common anodes or common cathodes.
Three terminal
bicolour LED
Two terminal
bicolour LED
Here a two terminal LED
has been detected.
This
message
will
be
displayed if the unit has
detected a three terminal
LED.
The details of each LED in the package
will then be displayed in a similar way
to the diode networks detailed earlier.
The pinout for the 1
st LED is displayed.
Remember that this is the pinout for just
one of the two LEDs in the package.
Interestingly, the voltage drops for each
LED relate to the different colours
within
the
bicolour
LED.
It
may
therefore be possible to determine which
lead is connected to each colour LED
within the device. Red LEDs often have
the
lowest
forward
voltage
drop,
followed by yellow LEDs, green LEDs
and finally, blue LEDs.
Test current
D1 If=3.22mA
Forward voltage
D1 Vf=1.98V
RED GREEN BLUE
Anod Cath
Pinout for D1...


Similar Part No. - DCA55T

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DCA5-20PC-1-DC1-RL-C MURATA-DCA5-20PC-1-DC1-RL-C Datasheet
558Kb / 6P
   50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
DCA520PC MURATA-DCA520PC Datasheet
558Kb / 6P
   50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
More results

Similar Description - DCA55T

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
SCR100 PEAK-SCR100 Datasheet
187Kb / 2P
   Atlas SCR - Triac and Thyristor Analyser (Model SCR100)
logo
Kingtronics Internation...
E347214 KINGTRONICS-E347214 Datasheet
39Kb / 2P
   Electrically Isolated Semiconductor Devices - Component
logo
Weidmuller
2425500000 WEIDMULLER-2425500000 Datasheet
798Kb / 5P
   ENERGY ANALYSER 550
2489780000 WEIDMULLER-2489780000 Datasheet
534Kb / 5P
   ENERGY ANALYSER D550-24
logo
AAEON Technology
PFM-530I AAEON-PFM-530I Datasheet
679Kb / 1P
   Onboard STPC짰 Atlas SoC
logo
Weidmuller
2425510000 WEIDMULLER-2425510000 Datasheet
547Kb / 5P
   ENERGY ANALYSER D550
2602580000 WEIDMULLER-2602580000 Datasheet
380Kb / 4P
   ENERGY ANALYSER 550-24
2534160000 WEIDMULLER-2534160000 Datasheet
774Kb / 5P
   ENERGY ANALYSER 750-24
2534130000 WEIDMULLER-2534130000 Datasheet
775Kb / 5P
   ENERGY ANALYSER 750-230
logo
AAEON Technology
HSB-440I AAEON-HSB-440I Datasheet
734Kb / 2P
   Onboard STPC짰 Atlas System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com