Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3L0256-ZAUR Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT32UC3L0256-ZAUR
Description  32-bit Atmel AVR Microcontroller
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3L0256-ZAUR Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT32UC3L0256-ZAUR Datasheet HTML 5Page - ATMEL Corporation AT32UC3L0256-ZAUR Datasheet HTML 6Page - ATMEL Corporation AT32UC3L0256-ZAUR Datasheet HTML 7Page - ATMEL Corporation AT32UC3L0256-ZAUR Datasheet HTML 8Page - ATMEL Corporation AT32UC3L0256-ZAUR Datasheet HTML 9Page - ATMEL Corporation AT32UC3L0256-ZAUR Datasheet HTML 10Page - ATMEL Corporation AT32UC3L0256-ZAUR Datasheet HTML 11Page - ATMEL Corporation AT32UC3L0256-ZAUR Datasheet HTML 12Page - ATMEL Corporation AT32UC3L0256-ZAUR Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
9
32145BS–01/2012
AT32UC3L0128/256
13
PA02
2
VDDIO
High-
drive I/O
USART0
RTS
ADCIFB
TRIGGER
USART2
TXD
TC0
A0
PWMA
PWMA[2]
ACIFB
ACBP[0]
USART0
CLK
CAT
CSA[3]
4
PA03
3
VDDIO
Normal
I/O
USART0
CTS
SPI
NPCS[1]
USART2
TXD
TC0
B0
PWMA
PWMA[3]
ACIFB
ACBN[3]
USART0
CLK
CAT
CSB[3]
28
PA04
4
VDDIO
Normal
I/O
SPI
MISO
TWIMS0
TWCK
USART1
RXD
TC0
B1
PWMA
PWMA[4]
ACIFB
ACBP[1]
CAT
CSA[7]
12
PA05
5
VDDIO
Normal
I/O (TWI)
SPI
MOSI
TWIMS1
TWCK
USART1
TXD
TC0
A1
PWMA
PWMA[5]
ACIFB
ACBN[0]
TWIMS0
TWD
CAT
CSB[7]
10
PA06
6
VDDIO
High-
drive I/O,
5V
tolerant
SPI
SCK
USART2
TXD
USART1
CLK
TC0
B0
PWMA
PWMA[6]
EIC
EXTINT[2]
SCIF
GCLK[1]
CAT
CSB[1]
15
PA07
7
VDDIO
Normal
I/O (TWI)
SPI
NPCS[0]
USART2
RXD
TWIMS1
TWALM
TWIMS0
TWCK
PWMA
PWMA[7]
ACIFB
ACAN[0]
EIC
NMI
(EXTINT[0])
CAT
CSB[2]
3
PA08
8
VDDIO
High-
drive I/O
USART1
TXD
SPI
NPCS[2]
TC0
A2
ADCIFB
ADP[0]
PWMA
PWMA[8]
CAT
CSA[4]
2
PA09
9
VDDIO
High-
drive I/O
USART1
RXD
SPI
NPCS[3]
TC0
B2
ADCIFB
ADP[1]
PWMA
PWMA[9]
SCIF
GCLK[2]
EIC
EXTINT[1]
CAT
CSB[4]
46
PA10
10
VDDIO
Normal
I/O
TWIMS0
TWD
TC0
A0
PWMA
PWMA[10]
ACIFB
ACAP[1]
SCIF
GCLK[2]
CAT
CSA[5]
27
PA11
11
VDDIN
Normal
I/O
PWMA
PWMA[11]
47
PA12
12
VDDIO
Normal
I/O
USART2
CLK
TC0
CLK1
CAT
SMP
PWMA
PWMA[12]
ACIFB
ACAN[1]
SCIF
GCLK[3]
CAT
CSB[5]
26
PA13
13
VDDIN
Normal
I/O
GLOC
OUT[0]
GLOC
IN[7]
TC0
A0
SCIF
GCLK[2]
PWMA
PWMA[13]
CAT
SMP
EIC
EXTINT[2]
CAT
CSA[0]
36
PA14
14
VDDIO
Normal
I/O
ADCIFB
AD[0]
TC0
CLK2
USART2
RTS
CAT
SMP
PWMA
PWMA[14]
SCIF
GCLK[4]
CAT
CSA[6]
37
PA15
15
VDDIO
Normal
I/O
ADCIFB
AD[1]
TC0
CLK1
GLOC
IN[6]
PWMA
PWMA[15]
CAT
SYNC
EIC
EXTINT[3]
CAT
CSB[6]
38
PA16
16
VDDIO
Normal
I/O
ADCIFB
AD[2]
TC0
CLK0
GLOC
IN[5]
PWMA
PWMA[16]
ACIFB
ACREFN
EIC
EXTINT[4]
CAT
CSA[8]
39
PA17
17
VDDIO
Normal
I/O (TWI)
TC0
A1
USART2
CTS
TWIMS1
TWD
PWMA
PWMA[17]
CAT
SMP
CAT
DIS
CAT
CSB[8]
41
PA18
18
VDDIO
Normal
I/O
ADCIFB
AD[4]
TC0
B1
GLOC
IN[4]
PWMA
PWMA[18]
CAT
SYNC
EIC
EXTINT[5]
CAT
CSB[0]
40
PA19
19
VDDIO
Normal
I/O
ADCIFB
AD[5]
TC0
A2
TWIMS1
TWALM
PWMA
PWMA[19]
SCIF
GCLK_IN[0]
CAT
SYNC
CAT
CSA[10]
25
PA20
20
VDDIN
Normal
I/O
USART2
TXD
TC0
A1
GLOC
IN[3]
PWMA
PWMA[20]
SCIF
RC32OUT
CAT
CSA[12]
24
PA21
21
VDDIN
Normal
I/O (TWI,
5V
tolerant,
SMBus)
USART2
RXD
TWIMS0
TWD
TC0
B1
ADCIFB
TRIGGER
PWMA
PWMA[21]
PWMA
PWMAOD[21]
SCIF
GCLK[0]
CAT
SMP
9
PA22
22
VDDIO
Normal
I/O
USART0
CTS
USART2
CLK
TC0
B2
CAT
SMP
PWMA
PWMA[22]
ACIFB
ACBN[2]
CAT
CSB[10]
6
PB00
32
VDDIO
Normal
I/O
USART3
TXD
ADCIFB
ADP[0]
SPI
NPCS[0]
TC0
A1
PWMA
PWMA[23]
ACIFB
ACAP[2]
TC1
A0
CAT
CSA[9]
16
PB01
33
VDDIO
High-
drive I/O
USART3
RXD
ADCIFB
ADP[1]
SPI
SCK
TC0
B1
PWMA
PWMA[24]
TC1
A1
CAT
CSB[9]
7
PB02
34
VDDIO
Normal
I/O
USART3
RTS
USART3
CLK
SPI
MISO
TC0
A2
PWMA
PWMA[25]
ACIFB
ACAN[2]
SCIF
GCLK[1]
CAT
CSB[11]
Table 3-1.
GPIO Controller Function Multiplexing


Similar Part No. - AT32UC3L0256-ZAUR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3L0256 ATMEL-AT32UC3L0256 Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3L0256 ATMEL-AT32UC3L0256_14 Datasheet
575Kb / 39P
   Read-modify-write Instructions and Atomic Bit Manipulation
AT32UC3L0256 ATMEL-AT32UC3L0256_14 Datasheet
11Mb / 852P
   Compact Single-cycle RISC Instruction Set Including DSP Instructions
More results

Similar Description - AT32UC3L0256-ZAUR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
   32-bit Atmel AVR Microcontroller
ATTINY4 ATMEL-ATTINY4_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY5 ATMEL-ATTINY5_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY9 ATMEL-ATTINY9_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY10 ATMEL-ATTINY10_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY10-TSHR ATMEL-ATTINY10-TSHR Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY25 ATMEL-ATTINY25_13 Datasheet
2Mb / 234P
   Atmel 8-bit AVR Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
   High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_14 Datasheet
1Mb / 98P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com