Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72205S0110K101 Datasheet(PDF) 8 Page - EPCOS

Part # B72205S0110K101
Description  SIOV metal oxide varistors Leaded varistors, StandarD series
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72205S0110K101 Datasheet(HTML) 8 Page - EPCOS

Back Button B72205S0110K101 Datasheet HTML 4Page - EPCOS B72205S0110K101 Datasheet HTML 5Page - EPCOS B72205S0110K101 Datasheet HTML 6Page - EPCOS B72205S0110K101 Datasheet HTML 7Page - EPCOS B72205S0110K101 Datasheet HTML 8Page - EPCOS B72205S0110K101 Datasheet HTML 9Page - EPCOS B72205S0110K101 Datasheet HTML 10Page - EPCOS B72205S0110K101 Datasheet HTML 11Page - EPCOS B72205S0110K101 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Characteristics (TA = 25
°C)
Ordering code
Vv
(1 mA)
V
∆V
v
(1 mA)
%
vc,max
(ic)
V
ic
A
Ctyp
(1 kHz)
pF
VRMS = 115 V
B72205S0111K101
180
±10
300
5.0
155
B72207S0111K101
180
±10
300
10.0
280
B72210S0111K101
180
±10
300
25.0
580
B72214S0111K101
180
±10
300
50.0
1000
B72220S0111K101
180
±10
300
100.0
2100
VRMS = 130 V
B72205S0131K101
205
±10
340
5.0
135
B72207S0131K101
205
±10
340
10.0
245
B72210S0131K101
205
±10
340
25.0
500
B72214S0131K101
205
±10
340
50.0
880
B72220S0131K101
205
±10
340
100.0
1850
VRMS = 140 V
B72205S0141K101
220
±10
360
5.0
125
B72207S0141K101
220
±10
360
10.0
230
B72210S0141K101
220
±10
360
25.0
470
B72214S0141K101
220
±10
360
50.0
820
B72220S0141K101
220
±10
360
100.0
1700
VRMS = 150 V
B72205S0151K101
240
±10
395
5.0
115
B72207S0151K101
240
±10
395
10.0
210
B72210S0151K101
240
±10
395
25.0
430
B72214S0151K101
240
±10
395
50.0
750
B72220S0151K101
240
±10
395
100.0
1550
VRMS = 175 V
B72205S0171K101
270
±10
455
5.0
100
B72207S0171K101
270
±10
455
10.0
190
B72210S0171K101
270
±10
455
25.0
380
B72214S0171K101
270
±10
455
50.0
670
B72220S0171K101
270
±10
455
100.0
1350
VRMS = 230 V
B72205S0231K101
360
±10
595
5.0
70
B72207S0231K101
360
±10
595
10.0
130
B72210S0231K101
360
±10
595
25.0
265
B72214S0231K101
360
±10
595
50.0
530
B72220S0231K101
360
±10
595
100.0
1000
Leaded varistors
B722*
StandarD series
Page 8 of 46
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72205S0110K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
More results

Similar Description - B72205S0110K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
logo
EPCOS
B72214S1140K552 EPCOS-B72214S1140K552 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
SIOV-S14K130G5S5 EPCOS-SIOV-S14K130G5S5 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
B72210S171K101 EPCOS-B72210S171K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S2321K151 EPCOS-B72214S2321K151 Datasheet
725Kb / 34P
   SIOV metal oxide varistors Leaded varistors, AdvanceD series
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
B72214S271K101 EPCOS-B72214S271K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
B72240B421K1 EPCOS-B72240B421K1 Datasheet
185Kb / 20P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com