Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JWS11BBBC-A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # JWS11BBBC-A
Description  Internationally Approved Rockers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JWS11BBBC-A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  JWS11BBBC-A Datasheet HTML 1Page - List of Unclassifed Manufacturers JWS11BBBC-A Datasheet HTML 2Page - List of Unclassifed Manufacturers JWS11BBBC-A Datasheet HTML 3Page - List of Unclassifed Manufacturers JWS11BBBC-A Datasheet HTML 4Page - List of Unclassifed Manufacturers JWS11BBBC-A Datasheet HTML 5Page - List of Unclassifed Manufacturers JWS11BBBC-A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Series JWS
Internationally Approved Rockers
www.nkk.com
B54
B
PANEL CUTOUT & PANEL THICKNESS RANGES
LED COLORS & SPECIFICATIONS FOR SPOT ILLUMINATED MODELS
LEDs are supplied as an integral part of
illuminated devices and are not available
separately. LED polarity markings are on
the bottom of the switch.
The electrical specifications shown here are
determined at a basic temperature of 25°C.
If the source voltage exceeds the rated
voltage, a ballast resistor is required. The
resistor value can be calculated by using the
formula in the Supplement section.
Color
Red
Amber
Green
Forward Peak Current
I
FM
25mA
20mA
20mA
Typical Forward Current
I
F
20mA
15mA
15mA
Forward Voltage
V
F
2.0V
1.9V
1.95V
Reverse Peak Voltage
V
RM
4V
5V
5V
Current Reduction Rate
Above 25°C
∆I
F
0.42mA/°C
0.27mA/°C
0.27mA/°C
Ambient Temperature Range
–25°C ~ +50°C
D
F
C
(+)
(-)
TYPICAL SWITCH DIMENSIONS
JWS11RCA
Nonilluminated • No Barrier
Double Pole
JWS21RAA
DPST models have IEC symbols for On-Off on the flange.
Nonilluminated • No Barrier
Single Pole
Panel Thickness Ranges:
Without Barrier:
.030” ~ .079” (0.75mm ~ 2.0mm)
With Barrier:
.024” ~ .059” (0.6mm ~ 1.5mm)
(12.9)
.508
(19.2)
.756
(15.0)
.591
Part No.
(10.2)
.402
(15.0)
.591
30°
(12.3)
.484
(16.0)
.630
(2.0)
.079
(6.5)
.256
(6.4)
.252
(5.3)
.209
(0.5) Typ
.020
(19.0)
.748
(4.75)
.187
(12.4)
.488
(12.8)
.504
(21.0)
.827
3
2
(15.0)
.591
Part No.
(10.2)
.402
(15.0)
.591
30°
(12.3)
.484
(16.0)
.630
(2.0)
.079
(5.5)
.217
(6.4)
.252
(5.3)
.209
(19.0)
.748
(4.75) Typ
.187
(4.5)
.177
(1.2)R Typ
.047
(0.65)R Typ
.026
(5.6)
.220
(0.5) Typ
.020
(12.4)
.488
(12.8)
.504
(21.0)
.827
3
6
1
4
(8.5)
.335


Similar Part No. - JWS11BBBC-A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JWS11BBBC-A NKK-JWS11BBBC-A Datasheet
351Kb / 6P
   Internationally Approved Rockers
JWS11BBBC-A NKK-JWS11BBBC-A Datasheet
212Kb / 6P
   General Specifications
JWS11BBBC-A NKK-JWS11BBBC-A Datasheet
449Kb / 6P
   General Specifications
More results

Similar Description - JWS11BBBC-A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JWS11RAA-A NKK-JWS11RAA-A Datasheet
351Kb / 6P
   Internationally Approved Rockers
P2011N-DA NKK-P2011N-DA Datasheet
195Kb / 5P
   Internationally Approved Rockers/Paddles
JWM11RA NKK-JWM11RA Datasheet
286Kb / 8P
   Internationally Approved TV Rated Rockers
P2022B NKK-P2022B Datasheet
491Kb / 4P
   Internationally Approved Toggles
JPM16B-A NKK-JPM16B-A Datasheet
182Kb / 5P
   Internationally Approved Pushbuttons
P2011 NKK-P2011 Datasheet
172Kb / 4P
   Internationally Approved Toggles
M2012TNW NKK-M2012TNW Datasheet
332Kb / 10P
   Miniature Rockers
logo
List of Unclassifed Man...
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
   Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
   Miniature Rockers
M2012TJW01-FC-1A ETC2-M2012TJW01-FC-1A Datasheet
1,001Kb / 9P
   Miniature Rockers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com