Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JWS11BCAC-A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JWS11BCAC-A
Description  Internationally Approved Rockers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JWS11BCAC-A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JWS11BCAC-A Datasheet HTML 1Page - List of Unclassifed Manufacturers JWS11BCAC-A Datasheet HTML 2Page - List of Unclassifed Manufacturers JWS11BCAC-A Datasheet HTML 3Page - List of Unclassifed Manufacturers JWS11BCAC-A Datasheet HTML 4Page - List of Unclassifed Manufacturers JWS11BCAC-A Datasheet HTML 5Page - List of Unclassifed Manufacturers JWS11BCAC-A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Series JWS
Internationally Approved Rockers
www.nkk.com
B50
B
General Specifications
Electrical Capacity (Resistive Load)
Power Level:
10A @ 125/250V AC
6A @ 125/250V AC (UL/CSA)
5A (3A) @ 125/250V AC (VDE)
Other Ratings
Contact Resistance:
10 milliohms maximum
Insulation Resistance:
500 megohms minimum @ 500V DC
Dielectric Strength:
2,000V AC minimum between contacts for 1 minute minimum;
4,000V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
30,000 operations minimum
Electrical Life:
10,000 operations minimum
Nominal Operating Force:
Single Pole 3.92N & Double Pole 5.39N
Angle of Throw:
30°
Materials & Finishes
Rocker:
Polyphenylene ether (UL94V-0)
Housing/Case:
Polyamide (UL94V-0)
Movable Contactor:
Copper with silver plating
Movable Contacts:
Silver
Stationary Contacts:
Silver
End Terminals:
Brass with silver plating
Common Terminals:
Copper with silver plating
Lamp Terminals:
Phosphor bronze with tin plating (illuminated models only)
Environmental Data
Operating Temp Range:
–25°C through +70°C (–13°F through +158°F) for nonilluminated models;
–25°C through +50°C (–13°F through +122°F) for illuminated models
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 15 minutes; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Sealing:
Dust resistant inner seal
Installation
Soldering:
Manual Soldering: See Profile A in Supplement section.
Cleaning:
These devices are not process sealed. Hand cleaning locally using alcohol based solution.
Standards & Certifications
Flammability Standards:
UL94V-0 for rocker & housing/case
UL:
File No. E44145
All JWS models recognized at 6A @ 125/250V AC
CSA:
File No. 023535_0_000
All JWS models certified at 6A @ 125/250V AC
VDE:
License No. 119153
All JWS models approved at 5A (3A) @ 125/250V AC


Similar Part No. - JWS11BCAC-A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JWS11BCAC-A NKK-JWS11BCAC-A Datasheet
351Kb / 6P
   Internationally Approved Rockers
JWS11BCAC-A NKK-JWS11BCAC-A Datasheet
212Kb / 6P
   General Specifications
JWS11BCAC-A NKK-JWS11BCAC-A Datasheet
449Kb / 6P
   General Specifications
More results

Similar Description - JWS11BCAC-A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JWS11RAA-A NKK-JWS11RAA-A Datasheet
351Kb / 6P
   Internationally Approved Rockers
P2011N-DA NKK-P2011N-DA Datasheet
195Kb / 5P
   Internationally Approved Rockers/Paddles
JWM11RA NKK-JWM11RA Datasheet
286Kb / 8P
   Internationally Approved TV Rated Rockers
P2022B NKK-P2022B Datasheet
491Kb / 4P
   Internationally Approved Toggles
JPM16B-A NKK-JPM16B-A Datasheet
182Kb / 5P
   Internationally Approved Pushbuttons
P2011 NKK-P2011 Datasheet
172Kb / 4P
   Internationally Approved Toggles
M2012TNW NKK-M2012TNW Datasheet
332Kb / 10P
   Miniature Rockers
logo
List of Unclassifed Man...
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
   Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
   Miniature Rockers
M2012TJW01-FC-1A ETC2-M2012TJW01-FC-1A Datasheet
1,001Kb / 9P
   Miniature Rockers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com