Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KXR94-1050 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # KXR94-1050
Description  2g Tri-axis Accelerometer Specifications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KXR94-1050 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  KXR94-1050 Datasheet HTML 1Page - List of Unclassifed Manufacturers KXR94-1050 Datasheet HTML 2Page - List of Unclassifed Manufacturers KXR94-1050 Datasheet HTML 3Page - List of Unclassifed Manufacturers KXR94-1050 Datasheet HTML 4Page - List of Unclassifed Manufacturers KXR94-1050 Datasheet HTML 5Page - List of Unclassifed Manufacturers KXR94-1050 Datasheet HTML 6Page - List of Unclassifed Manufacturers KXR94-1050 Datasheet HTML 7Page - List of Unclassifed Manufacturers KXR94-1050 Datasheet HTML 8Page - List of Unclassifed Manufacturers KXR94-1050 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
± 2g Tri-axis Accelerometer
Specifications
PART NUMBER:
KXR94-1050
Rev. 2
Aug-2010
36 Thornwood Dr. – Ithaca, NY 14850
© 2010 Kionix – All Rights Reserved
tel: 607-257-1080 – fax:607-257-1146
323-1672-1008100655
www.kionix.com - info@kionix.com
Page 4 of 12
Table 2. Electrical
(specifications are for operation at 2.8V and T = 25C unless stated otherwise)
Parameters
Units
Min
Typical
Max
Supply Voltage (Vdd)
Operating
V
2.5
2.8
5.25
Current Consumption
Operating
A
500
950
1400
Standby
A
-
5
Analog Output Resistance(Rout)
k
24
32
40
Input Low Voltage
V
-
-
0.2 * VIO
Input High Voltage
V
0.8 * VIO
-
-
Multiplexer Response Time
s
4.5
Power Up Time
1
ms
1
Notes:
1. Power up time can also be determined by 5 times the RC time constant of the optional user
defined low pass filter.


Similar Part No. - KXR94-1050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KXR94-1050 ETC2-KXR94-1050 Datasheet
640Kb / 2P
   Accelerometers and Inclinometers
More results

Similar Description - KXR94-1050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KXR94-2283 ETC2-KXR94-2283 Datasheet
149Kb / 10P
   2g Tri-Axis Accelerometer Specifications
KXR94-2050 ETC2-KXR94-2050 Datasheet
151Kb / 11P
   2g Tri-Axis Accelerometer Specifications
KXTC9-2050 ETC2-KXTC9-2050 Datasheet
157Kb / 10P
   2g Tri-axis Analog Accelerometer Specifications
KXTC9-4100 ETC2-KXTC9-4100 Datasheet
312Kb / 11P
   2g Tri-axis Analog Accelerometer Specifications
KXR94-2353 ETC2-KXR94-2353 Datasheet
442Kb / 15P
   짹 2g Tri-axis Digital Accelerometer Specifications
KXTIK-1004 ETC2-KXTIK-1004 Datasheet
1Mb / 54P
   2g/4g/8g Tri-axis Digital Accelerometer Specifications
KXTI9-1001 ETC2-KXTI9-1001 Datasheet
1Mb / 54P
   2g/4g/8g Tri-axis Digital Accelerometer Specifications
KXRB5-2050 ETC2-KXRB5-2050 Datasheet
437Kb / 13P
   Tri-axis Accelerometer Specifications
KXSS5-2057 ETC2-KXSS5-2057 Datasheet
782Kb / 31P
   Tri-axis Accelerometer Specifications
KXSS5-4457 ETC2-KXSS5-4457 Datasheet
781Kb / 31P
   Tri-axis Accelerometer Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com