Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TT425N14KOF Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TT425N14KOF
Description  Netz-Thyristor-Modul Phase Control Thyristor Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TT425N14KOF Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TT425N14KOF Datasheet HTML 1Page - List of Unclassifed Manufacturers TT425N14KOF Datasheet HTML 2Page - List of Unclassifed Manufacturers TT425N14KOF Datasheet HTML 3Page - List of Unclassifed Manufacturers TT425N14KOF Datasheet HTML 4Page - List of Unclassifed Manufacturers TT425N14KOF Datasheet HTML 5Page - List of Unclassifed Manufacturers TT425N14KOF Datasheet HTML 6Page - List of Unclassifed Manufacturers TT425N14KOF Datasheet HTML 7Page - List of Unclassifed Manufacturers TT425N14KOF Datasheet HTML 8Page - List of Unclassifed Manufacturers TT425N14KOF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
N
Netz-Thyristor-Modul
Phase Control Thyristor Module
Datenblatt / Data sheet
TT425N
BIP AC / 28 Oct 1994, A.Rüther
A 62/94
5/12
Seite/page
Diagramme
Trans. Wärmewiderstand bei Sinus
Trans. Wärmewiderstand bei Rechteck
0,000
0,020
0,040
0,060
0,080
0,100
0,01
0,1
1
10
100
t [s]
0
180°
Θ =
30°
60°
90°
120°
180°
Transienter innerer Wärmewiderstand je Zweig / Transient thermal impedance per arm ZthJC = f(t)
Sinusförmiger Strom / Sinusoidal current
Parameter: Stromflußwinkel Θ / Current conduction angle Θ
0,000
0,020
0,040
0,060
0,080
0,100
0,001
0,01
0,1
1
10
100
t [s]
Θ=
30°
60°
90°
120°
180°
DC
0
180°
Transienter innerer Wärmewiderstand je Zweig / Transient thermal impedance per arm ZthJC = f(t)
Rechteckförmiger Strom / Rectangular current
Parameter: Stromflußwinkel Θ / Current conduction angle Θ


Similar Part No. - TT425N14KOF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TT425N16KOF INFINEON-TT425N16KOF Datasheet
404Kb / 14P
   TT425N16KOF Phase Control Thyristor Module
19.12.02 revision:1
More results

Similar Description - TT425N14KOF

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
TT140N EUPEC-TT140N Datasheet
411Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
TD162N16KOF INFINEON-TD162N16KOF Datasheet
416Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
04.07.02 revision:1
logo
eupec GmbH
TT106N EUPEC-TT106N Datasheet
404Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
TZ150N EUPEC-TZ150N Datasheet
461Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
TT70N EUPEC-TT70N_02 Datasheet
417Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
ETT420N22P60 INFINEON-ETT420N22P60 Datasheet
429Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2018-07-30 Revision: 3.1
TT104N INFINEON-TT104N Datasheet
755Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2020-05-29 Revision: 3.3
TT570N18KOF INFINEON-TT570N18KOF Datasheet
550Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2021-02-12 Revision: 3.1
TT92N INFINEON-TT92N Datasheet
755Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2020-05-29 Revision: 3.3
logo
eupec GmbH
TZ375N EUPEC-TZ375N Datasheet
460Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
TT600N16KOF INFINEON-TT600N16KOF_16 Datasheet
431Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2016-11-25 Revision: 3.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com