Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT93C66W-10SC-1.8 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT93C66W-10SC-1.8
Description  3-wire Serial EEPROMs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C66W-10SC-1.8 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT93C66W-10SC-1.8 Datasheet HTML 1Page - ATMEL Corporation AT93C66W-10SC-1.8 Datasheet HTML 2Page - ATMEL Corporation AT93C66W-10SC-1.8 Datasheet HTML 3Page - ATMEL Corporation AT93C66W-10SC-1.8 Datasheet HTML 4Page - ATMEL Corporation AT93C66W-10SC-1.8 Datasheet HTML 5Page - ATMEL Corporation AT93C66W-10SC-1.8 Datasheet HTML 6Page - ATMEL Corporation AT93C66W-10SC-1.8 Datasheet HTML 7Page - ATMEL Corporation AT93C66W-10SC-1.8 Datasheet HTML 8Page - ATMEL Corporation AT93C66W-10SC-1.8 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AT93C46/56/57/66
2
The AT93C46/56/57/66 is enabled through the Chip Select
pin (CS), and accessed via a 3-wire serial interface consist-
ing of Data Input (DI), Data Output (DO), and Shift Clock
(SK). Upon receiving a READ instruction at DI, the address
is decoded and the data is clocked out serially on the data
output pin DO. The WRITE cycle is completely self-timed
and no separate ERASE cycle is required before WRITE.
The WRITE cycle is only enabled when the part is in the
ERASE/WRITE ENABLE state. When CS is brought “high”
following the initiation of a WRITE cycle, the DO pin out-
puts the READY/BUSY status of the part.
The AT93C46 is available in 4.5V to 5.5V, 2.7V to 5.5V,
2. 5V to 5. 5V, and 1 . 8V to 5. 5V ver sions. T h e
AT93C56/57/66 is available in 4.5V to 5.5V, 2.7V to 5.5V,
and 2.5V to 5.5V versions.
Block Diagram
Note:
1.
When the ORG pin is connected to V
CC, the x 16 organization is selected. When it is connected to ground, the x 8 organiza-
tion is selected. If the ORG pin is left unconnected, then an internal pullup device (of approximately 1 M
Ω) will select the x
16 organization. This feature is not available on 1.8V devices.
Absolute Maximum Ratings*
Operating Temperature .................................. -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability
Storage Temperature ..................................... -65
°C to +150°C
Voltage on Any Pin
with Respect to Ground .....................................-1.0V to +7.0V
Maximum Operating Voltage........................................... 6.25V
DC Output Current........................................................ 5.0 mA


Similar Part No. - AT93C66W-10SC-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C66W-10SC-2.5 ATMEL-AT93C66W-10SC-2.5 Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
AT93C66W-10SC-2.7 ATMEL-AT93C66W-10SC-2.7 Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
More results

Similar Description - AT93C66W-10SC-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
AT93C46D ATMEL-AT93C46D_14 Datasheet
715Kb / 17P
   3-wire Automotive Temperature Serial EEPROMs
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
   4-Wire Serial EEPROMs
logo
GTM CORPORATION
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
   Three-wire Serial EEPROMs
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com