Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T491B106M020ZT Datasheet(PDF) 4 Page - Kemet Corporation

Part # T491B106M020ZT
Description  Tantalum Chip Capacitors Standard / HighCap
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491B106M020ZT Datasheet(HTML) 4 Page - Kemet Corporation

  T491B106M020ZT Datasheet HTML 1Page - Kemet Corporation T491B106M020ZT Datasheet HTML 2Page - Kemet Corporation T491B106M020ZT Datasheet HTML 3Page - Kemet Corporation T491B106M020ZT Datasheet HTML 4Page - Kemet Corporation T491B106M020ZT Datasheet HTML 5Page - Kemet Corporation T491B106M020ZT Datasheet HTML 6Page - Kemet Corporation T491B106M020ZT Datasheet HTML 7Page - Kemet Corporation T491B106M020ZT Datasheet HTML 8Page - Kemet Corporation T491B106M020ZT Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Marking
Case size A
Case size B
Case sizes C, D, E
Voltage coding for case size A
Rated voltage
4
6.3 10
16
20
25
35
50
Code letter
G
J
A
C
D
E
V
T
Capacitance coding
1st and 2nd digit
Capacitance in pF
3rd digit
Multiplier:
6 = 106 pF
7 = 107 pF
8 = 108 pF
Date coding
Year
Month
S = 2004
T = 2005
U = 2006
V = 2007
W = 2008
X = 2009
1 = January
2 = February
3 = March
4 = April
5 = May
6 = June
7 = July
8 = August
9 = September
O = October
N = November
D = December
Tantalum chip capacitors
B45196E, B45198E, B45196H, B45198H
Standard / HighCap
Page 4 of 20
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - T491B106M020ZT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106M020AT KEMET-T491B106M020AT Datasheet
81Kb / 1P
   T491, Tantalum, MnO2 Tantalum, 10 uF, 20%, 20 V, 3528, SMD, MnO2, Molded, 2 Ohms, Height Max = 2.1mm
More results

Similar Description - T491B106M020ZT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491C226K016ZT KEMET-T491C226K016ZT Datasheet
723Kb / 20P
   Tantalum Chip Capacitors Standard / HighCap
logo
EPCOS
B45196H EPCOS-B45196H Datasheet
123Kb / 12P
   Tantalum Chip Capacitors HighCap
logo
Hitachi Semiconductor
TMCSA1C105MTRF HITACHI-TMCSA1C105MTRF Datasheet
66Kb / 2P
   Standard Tantalum Chip Capacitors
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com