Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MVIH Datasheet(PDF) 2 Page - MMD Components

Part # MVIH
Description  MVIH Series VCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MVIH Datasheet(HTML) 2 Page - MMD Components

  MVIH_13 Datasheet HTML 1Page - MMD Components MVIH_13 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD MONITOR/QUARTZEK – An ILSI Company,
5458 Louie Lane, Reno, NV 89511
Phone: (775) 851-8880, www.mmdcomp.com 
Revision:
07/31/13 P
Revisions only with customer approval
Pg 2 of 2
B0
K0
NOTES: UNLESS OTHERWISE SPECIFIED
1. Applicable Standards / Specifications
ANSI Y14.5M, Dimensions and Tolerances
EIA-481-B, 8 mm through 200mm Embossed Carrier Taping and 8 mm and 12 mm
Punched Carrier Taping of Surface Mount Components for Automatic Handling.
2. Dimensions are in millimeters [inch].
3. Tolerances are ±0.1 [.004] mm unless otherwise specified.
4. Do not scale drawing.
A0
DIRECTION OF FEED
Q2
Q4
Q3
Q1
Q4
Q3
Q1 Q2
180 [7.0]
REEL DIA
PIN 1 ORIENT.
QTY PER REEL
500
Q1
AO
TAPE WIDTH
PITCH
BO
K0
1.85 [.073]
2.25 [.089]
0.95 [.037]
4.00 [.157]
12.00 [.471]
PITCH
2.00
4.00
7.50
Tape Width
1.75
REEL DIA
Part Number Guide
Mechanical Details
Tape & Reel Dimensions
Output
H = HCMOS
Frequency
Stability
010 = ±10 ppm
025 = ±25 ppm
050 = ±50 ppm
100 = ±100 ppm
Supply Voltage
2 = +2.5 VDC
3 = +3.3 VDC
5 = +5.0 VDC
Operating
Temperature
Blank = 0°C to +70°C
27 = -20°C to +70°C
48 = -40°C to +85°C
Pullability
D = ±50 ppm min
P = ±80 ppm min
C = ±100 ppm min
Linearity
Blank = ±20% max
X = ±5% max
Z = ±15% max
Y = ±10% max
Packaging
Blank = Bulk
T = Tape and Reel
MVI
Frequency
H
5 x 7 Ceramic SM VCXO 6 Pads
Please Consult with MMD Sales Deparment for any other Parameters or Options
Pin 2 & 5 Connection
H = Pin 2-Tri-state, Pin 5-N/C
Blank = Pins 2 & 5 = N/C
T = Pins 2 & 5 = Tri-state
R = Pin 2-N/C, Pin 5-Tri-state


Similar Part No. - MVIH_13

ManufacturerPart #DatasheetDescription
logo
MMD Components
MVIH2 MMD-MVIH2 Datasheet
112Kb / 2P
   Hermetically Sealed Ceramic SMD Package
MVIH201027D MMD-MVIH201027D Datasheet
82Kb / 1P
   5mm x 7mm HCMOS VCXO
MVIH201027DH MMD-MVIH201027DH Datasheet
82Kb / 1P
   5mm x 7mm HCMOS VCXO
MVIH201027DHT MMD-MVIH201027DHT Datasheet
82Kb / 1P
   5mm x 7mm HCMOS VCXO
MVIH201027DT MMD-MVIH201027DT Datasheet
82Kb / 1P
   5mm x 7mm HCMOS VCXO
More results

Similar Description - MVIH_13

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SH-A3200 NEL-SH-A3200 Datasheet
179Kb / 2P
   VCXO Series (CMOS)
PJ-A3670 NEL-PJ-A3670 Datasheet
99Kb / 3P
   VCXO Series (PECL)
logo
MMD Components
MVAH MMD-MVAH_12 Datasheet
88Kb / 2P
   MVAH Series VCXO
logo
Advanced XTAL Products
AXIS60-11 AXTAL-AXIS60-11 Datasheet
67Kb / 2P
   VCXO
AXIS207 AXTAL-AXIS207 Datasheet
54Kb / 2P
   VCXO
logo
Kyocera Kinseki Corpota...
VCXO-105N KSS-VCXO-105N Datasheet
149Kb / 1P
   VCXO
logo
Advanced XTAL Products
AXIS100-03 AXTAL-AXIS100-03 Datasheet
53Kb / 2P
   VCXO
logo
MMD Components
MVLPMVLL MMD-MVLPMVLL_12 Datasheet
106Kb / 2P
   VCXO
logo
List of Unclassifed Man...
C5379 ETC-C5379 Datasheet
35Kb / 3P
   VCXO
logo
Kyocera Kinseki Corpota...
VCXO-252J KSS-VCXO-252J Datasheet
145Kb / 1P
   VCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com